Electronic Components Datasheet Search
  English  ▼

X  

MP4570 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4570
Description  3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4570 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4570 Datasheet HTML 14Page - Monolithic Power Systems MP4570 Datasheet HTML 15Page - Monolithic Power Systems MP4570 Datasheet HTML 16Page - Monolithic Power Systems MP4570 Datasheet HTML 17Page - Monolithic Power Systems MP4570 Datasheet HTML 18Page - Monolithic Power Systems MP4570 Datasheet HTML 19Page - Monolithic Power Systems MP4570 Datasheet HTML 20Page - Monolithic Power Systems MP4570 Datasheet HTML 21Page - Monolithic Power Systems MP4570 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP4570 – 3A, 55V, SYNCHRONOUS STEP DOWN CONVERTER
MP4570 Rev. 1.01
www.MonolithicPower.com
18
1/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
When using electrolytic or tantalum capacitors,
place a small, high-quality, ceramic capacitor
(0.1μF) as close to the IC as possible. When
using ceramic capacitors, make sure that they
have enough capacitance to provide sufficient
charge to prevent excessive voltage ripple at the
input. The input voltage ripple caused by
capacitance is approximately:


IN
OUT
IN
OUT
SW
LOAD
IN
V
V
1
V
V
C1
f
I
∆V
Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors. Low-ESR capacitors
are preferred to keep the output voltage ripple
low. The output voltage ripple can be estimated
as:




C2
f
8
1
R
V
V
1
L
f
V
∆V
SW
ESR
IN
OUT
SW
OUT
OUT
Where L is the inductor value and RESR is the
ESR value of the output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency and contributes the most to the output
voltage ripple. For simplification, the output
voltage ripple can be estimated by:


IN
OUT
2
SW
OUT
OUT
V
V
1
C2
L
f
8
V
∆V
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple is
approximately:
ESR
IN
OUT
SW
OUT
OUT
R
V
V
1
L
f
V
∆V
 
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP4570 can be optimized for a wide range of
capacitances and ESR values.
Compensation Components
MP4570 employs current-mode control for easy
compensation and fast transient response. The
COMP pin controls the system stability and
transient response. The COMP pin is the output
of the internal error amplifier. A series capacitor-
resistor
combination
sets
a
pole-zero
combination to control the control system’s
characteristics. The DC gain of the voltage
feedback loop is:
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
Where AVEA is the error-amplifier voltage gain,
1000V/V;
GCS
is
the
current-sense
transconductance, 12A/V; RLOAD is the load
resistor value.
The system has two important poles: One from
the compensation capacitor (C3) and the output
resistor of error amplifier, and the other due to
the output capacitor and the load resistor. These
poles are located at:
VEA
EA
P1
A
C3
2π
G
f
LOAD
P2
R
C2
2π
1
f
Where,
GEA
is
the
error-amplifier
transconductance, 630μA/V.
The system has one important zero due to the
compensation capacitor and the compensation
resistor (R3). This zero is located at:
R3
C3
2π
1
f
Z1
The system may have another significant zero if
the output capacitor has a large capacitance or a
high ESR value. This zero is located at:
ESR
ESR
R
C2
2π
1
f
In this case, a third pole set by the compensation
capacitor (C4) and the compensation resistor can
compensate for the effect of the ESR zero. This
pole is located at:
R3
C4
2π
1
f
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com