Electronic Components Datasheet Search
  English  ▼

X  

MP4575 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4575
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4575 Datasheet HTML 11Page - Monolithic Power Systems MP4575 Datasheet HTML 12Page - Monolithic Power Systems MP4575 Datasheet HTML 13Page - Monolithic Power Systems MP4575 Datasheet HTML 14Page - Monolithic Power Systems MP4575 Datasheet HTML 15Page - Monolithic Power Systems MP4575 Datasheet HTML 16Page - Monolithic Power Systems MP4575 Datasheet HTML 17Page - Monolithic Power Systems MP4575 Datasheet HTML 18Page - Monolithic Power Systems MP4575 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
15
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
does not have another logic signal acting as the
enable signal. Ensure that the pull-up resistor is
high enough to ensure that the sink current
going into EN is less than 150µA to avoid
damaging the Zener diode. For example, when
connecting EN to VIN = 12V, RPULL-UP ≥ (12V -
6.5V) ÷ 150µA = 37
kΩ.
Soft Start (SS)
Soft start (SS) is implemented to ensure a
smooth start-up of the output voltage during
power-on and power-off. The soft start function
also helps to reduce inrush current at start-up.
The soft start function is achieved by ramping
SS up slowly and overriding the internal
reference (REF) when SS - 900mV is lower
than REF. When SS - 900mV is higher than
REF, REF regains control. 900mV is the offset
voltage of SS, which means that SS is detected
as 0 internally when it is lower than 900mV. To
minimize the delay for SS to reach 0.9V, an
internal pull-up circuit with about 30µA of
average current pulls SS up to 600mV first.
Then use a 4µA constant current to charge SS
until it reaches 2.5V. When SS is in the range of
0.9V to 1.9V, it overrides REF as the reference
voltage of the error amplifier. During this period,
the output voltage ramps up from 0 to the
regulated value following SS rising. The soft-
start time (tSS) set by the external SS capacitor
can be calculated with Equation (1):
A)
(
I
(V)
V
(nF)
C
(ms)
t
SS
REF
SS
SS
μ
(1)
Where CSS is the external SS capacitor, VREF is
the internal reference voltage (1V), and ISS is
the 4µA SS charge current.
The delay time for SS reaching 900mV can be
estimated with Equation (2):
A
4
0.3V
(nF)
C
A
30
0.6V
(nF)
C
(ms)
t
SS
SS
_delay
SS
μ
μ
(2)
There is also an internal, fixed, 500µs soft start.
The final SS time is determined by the longer
time between 500
μs and the external SS setting
time.
When the output voltage is shorted to GND, the
feedback voltage is pulled low, and then SS is
discharged. The MP4575 soft starts again when
the short at the output is removed.
Internal Regulator and BIAS
An internal 2.5V regulator powers all of the
internal control circuits. This regulator uses VIN
as the power supply when BIAS is lower than
3.2V and uses BIAS as the supply when BIAS
is higher than 3.2V.
The VDD regulator powers the low-side driver
and the BST regulator when the VDD voltage is
higher than 4.5V. VDD is powered by VIN when
BIAS is floating and is regulated at 3.6V. When
BIAS is higher than 4.2V, it powers VDD. VDD
increases as BIAS rises with a 600mV voltage
drop and is regulated at 4.8V when BIAS is
higher than 5.4V. A 1µF decoupling capacitor is
needed at VDD to make the capacitor as close
to VDD as possible.
Using BIAS to power the internal regulator can
improve
efficiency.
It
is
recommended
to
connect BIAS to an external power supply in
the range of 3.3V to 5.5V. The output voltage is
a good choice for this power supply if it is in
above range. A 0.1µF to 1µF decoupling
capacitor at BIAS is recommended.
Over-Voltage Protection (OVP)
The MP4575 monitors the feedback output
voltage
to
achieve
over-voltage
protection
(OVP). If the FB voltage is higher than
103%xREF, the MP4575 switches to sleep
mode, the HS-FET turn offs, and the LS-FET
turns on to discharge the output energy. The
MP4575 returns to normal after the FB voltage
drops below 103%xREF.
If the FB voltage is higher than 110%xREF, the
HS-FET and LS-FET are turned off immediately.
Both MOSFETs are latched, and the PG signal
is asserted to indicate the fault status and if EN
or VIN must be recycled to clear the protection.
Over-Current Protection (OCP)
The MP4575 has a cycle-by-cycle peak-current-
limit protection and valley current detection
protection. The inductor current is monitored
during the HS-FET on state. If the inductor
current exceeds the current limit value set by
VCOMP, the HS-FET turns off immediately. Then,
the LS-FET is turned on to discharge the
energy, and the inductor current decreases.
The HS-FET does not turn on again until the
inductor valley current is below a certain current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com