Electronic Components Datasheet Search
  English  ▼

X  

MP4575 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4575
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4575 Datasheet HTML 10Page - Monolithic Power Systems MP4575 Datasheet HTML 11Page - Monolithic Power Systems MP4575 Datasheet HTML 12Page - Monolithic Power Systems MP4575 Datasheet HTML 13Page - Monolithic Power Systems MP4575 Datasheet HTML 14Page - Monolithic Power Systems MP4575 Datasheet HTML 15Page - Monolithic Power Systems MP4575 Datasheet HTML 16Page - Monolithic Power Systems MP4575 Datasheet HTML 17Page - Monolithic Power Systems MP4575 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
14
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP4575 is a step-down switching regulator
with integrated, high-voltage, power MOSFETs.
The MP4575 features a wide input voltage
range, high efficiency, external and internal soft
start,
programmable
frequency,
and
comprehensive protection modes.
Pulse-Width Modulation (PWM) Control
The MP4575 uses peak-current-mode control to
regulate the output voltage.
A PWM cycle is initiated by the internal clock at
the beginning of every cycle. After the high-side
MOSFET (HS-FET) turns on, the inductor
current rises linearly to provide energy to the
load. The HS-FET remains on until its current
reaches the COMP voltage (VCOMP), which is
the output of the internal error amplifier (EA).
The output voltage of the EA depends on the
difference of the output feedback voltage and
the internal high-precision reference, and VCOMP
decides
how
much
energy
should
be
transferred to the load. The higher the load
current, the higher VCOMP. After the high-side
switch is off, the low-side switch turns on, and
the inductor current flows through the low-side
switch. To prevent a shoot-through, a dead time
is inserted to prevent the HS-FET and LS-FET
from turning on at the same time. For each turn-
on and turn-off in a switching cycle, the HS-FET
remains on and off with a minimum on and off
time limit.
Light-Load Operation
The MP4575 can achieve high efficiency during
light load in two ways. First, when the load
current decreases, the inductor current drops at
same time. The LS-FET turns off to save driver
loss when the inductor current drops to zero.
Second,
when
the
load
decreases,
the
switching frequency is scaled down to reduce
switching loss after VCOMP drops below a certain
threshold.
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage with the internal reference and outputs
a current proportional to the difference between
the two. This current is used to charge the
external compensation networks to form VCOMP,
which is used to control the HS-FET peak
current and regulate the output voltage.
Oscillator and SYNC Function
The internal oscillator frequency is set by a
single
external
resistor
(RFREQ)
connected
between FREQ and GND. The frequency-
setting resistor should be located close to the
device. The relationship between the oscillator
frequency and RFREQ is shown in Table 1 on
page 17.
During light load, the switching frequency is
scaled down according to VCOMP. The switching
frequency begins decreasing when VCOMP is
below about 0.8V. Switching is disabled when
VCOMP drops below about 0.7V.
To
reduce
switching
loss
and
thermal
dissipation,
the
switching
frequency
is
decreased according to the FB voltage. When
FB is lower than 25%xREF, the switching
frequency starts to decrease from the normal
value and drops to 5% of the normal value
when FB is zero.
FREQ can be used to synchronize the internal
oscillator rising edge to an external clock falling
edge. Ensure that the high amplitude of the
synchronous (SYNC) clock is higher than 1.5V
and the low amplitude is lower than 1V to drive
the internal logic. The recommended external
SYNC frequency is in the range of 100kHz and
1MHz. There is no pulse width requirement, but
there is always a parasitic capacitance of the
pad. If the pulse width is too short, a clear rising
and falling edge may not be seen due to the
parasitic capacitance. A pulse longer than
100ns is recommended in application.
Enable (EN) Control
Enable (EN) is a control pin that turns the
regulator on and off. Drive EN higher than 1.6V
to turn on the regulator; drive EN lower than
1.3V to turn off the regulator. There is no
internal pull-up or pull-down circuitry at EN, so
when EN is floating, its status is uncertain.
EN is clamped internally using a 6.5V Zener
diode between EN and GND. Connecting EN to
a voltage source directly without any pull-up
resistor requires limiting the voltage amplitude
to ≤6V to prevent damage to the Zener diode.
EN can be connected to a higher voltage (e.g.:
VIN) through a pull-up resistor if the system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com