Electronic Components Datasheet Search
  English  ▼

X  

MP4575 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4575
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4575 Datasheet HTML 14Page - Monolithic Power Systems MP4575 Datasheet HTML 15Page - Monolithic Power Systems MP4575 Datasheet HTML 16Page - Monolithic Power Systems MP4575 Datasheet HTML 17Page - Monolithic Power Systems MP4575 Datasheet HTML 18Page - Monolithic Power Systems MP4575 Datasheet HTML 19Page - Monolithic Power Systems MP4575 Datasheet HTML 20Page - Monolithic Power Systems MP4575 Datasheet HTML 21Page - Monolithic Power Systems MP4575 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
19
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Use
the
following
steps
to
design
the
compensation:
1. Choose R3 to set the desired crossover
frequency. R3 can be determined with
Equation (18):
FB
OUT
CS
EA
C
V
V
G
G
f
C2
2
π
R3
(18)
Where
fC
is
the
desired
crossover
frequency.
2. Choose C3 to achieve the desired phase
margin.
For
applications
with
typical
inductor values, set the compensation zero
(fZ1) to <0.25xfC to provide a sufficient phase
margin. C3 can be calculated with Equation
(19):
C
f
R3
2
π
4
C3
(19)
3. Determine if C4 is required. C4 is required if
the ESR zero of the output capacitor is
located at <0.5xfSW, or Equation (20) is
valid:
2
f
R
C2
2
π
1
SW
ESR
(20)
If this is the case, use C4 to set the pole
(fP3) at the location of the ESR zero.
Determine C4 with Equation (21):
R3
R
C2
C4
ESR
(21)
External Bootstrap Diode
For high duty-cycle operations where VOUT/VIN
> 65%, the time period available to the
bootstrap charging is less, so the bootstrap
capacitor may not be charged sufficiently. This
affects efficiency and normal operation. An
external bootstrap diode from the 3V - 5V rail to
BST can help charge the bootstrap capacitor
and enhance efficiency (see Figure 2). The
output voltage is a good choice for this power
supply if it is in above range. The bootstrap
diode can be a low-cost one such as IN4148 or
BAT54.
CBST
COUT
L
BST
SW
3V-5V Rail
1N4148
VOUT
Figure 2: External Bootstrap Diode
At no load or light load, the converter may
operate in pulse-skipping mode to maintain the
output-voltage regulation. Under this condition,
VSW = VOUT for most of the time, so the diode
from VOUT to BST cannot charge the bootstrap
capacitor. For a sufficient gate voltage during
pulse-skipping mode, VIN - VOUT should be no
less than 3V. For example, if VOUT = 3.3V, then
VIN must exceed 3.3V + 3V = 6.3V to maintain
a sufficient bootstrap voltage at no load or light
load. To meet this requirement,
EN can
program the input UVLO voltage to VOUT + 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com