Electronic Components Datasheet Search
  English  ▼

X  

MP4575 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP4575
Description  5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4575 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP4575 Datasheet HTML 14Page - Monolithic Power Systems MP4575 Datasheet HTML 15Page - Monolithic Power Systems MP4575 Datasheet HTML 16Page - Monolithic Power Systems MP4575 Datasheet HTML 17Page - Monolithic Power Systems MP4575 Datasheet HTML 18Page - Monolithic Power Systems MP4575 Datasheet HTML 19Page - Monolithic Power Systems MP4575 Datasheet HTML 20Page - Monolithic Power Systems MP4575 Datasheet HTML 21Page - Monolithic Power Systems MP4575 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
MP4575
– 5A, 55V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4575 Rev. 1.0
www.MonolithicPower.com
20
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 3 and
follow the guidelines below.
1. Place
the
ceramic
input
capacitor,
especially the small package size (0603)
input bypass capacitor, as close to IN and
GND as possible.
2. Keep the connection of the input capacitor
and VIN as short and wide as possible.
3. Place the VDD capacitor to VDD and GND
as close as possible.
4. Use a large ground plane to directly connect
to GND.
5. Add vias near GND if the bottom layer is a
ground plane.
6. Route SW and BST away from sensitive
analog areas such as FB.
7. Ensure that all feedback connections are
short and direct.
8. Place the feedback resistors as close to the
chip as possible.
9. Connect VIN, SW, and especially GND and
the exposed pad to large copper areas to
cool
the
chip
for
improved
thermal
performance and long-term reliability.
Top Layer
Inner Layer 1
Inner Layer 2
Bottom Layer
Figure 3: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com