Electronic Components Datasheet Search
  English  ▼

X  

MP8720 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8720
Description  26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8720 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8720 Datasheet HTML 2Page - Monolithic Power Systems MP8720 Datasheet HTML 3Page - Monolithic Power Systems MP8720 Datasheet HTML 4Page - Monolithic Power Systems MP8720 Datasheet HTML 5Page - Monolithic Power Systems MP8720 Datasheet HTML 6Page - Monolithic Power Systems MP8720 Datasheet HTML 7Page - Monolithic Power Systems MP8720 Datasheet HTML 8Page - Monolithic Power Systems MP8720 Datasheet HTML 9Page - Monolithic Power Systems MP8720 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MP8720 – 26V, 10A, SYNCHRONOUS BUCK CONVERTER WITH ADJUSTABLE CLM
MP8720 Rev. 1.01
www.MonolithicPower.com
6
8/1/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
VIN
Supply voltage. VIN supplies power for the internal MOSFET and regulator. The
MP8720 operates from a +4.5V to +26V input rail. An input capacitor is needed to
decouple the input rail. Use wide PCB traces and multiple vias to make the connection.
2, 4, 5, 6, 7
PGND
Power ground. Use wide PCB traces and multiple vias to make the connection.
3
3V3
External 3V3 VCC input for control and driver. Place a 1µF decoupling capacitor
close to 3V3 and PGND. It is recommended to form an R-C filter.
8, 16
NC
No connection. NC can either be connected to VIN, SW, or GND for easy layout.
9
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is connected
to VIN when the HS-FET is on. SW is connected to PGND when the LS-FET is on. Use
wide and short PCB traces to make the connection. SW is noisy, so keep sensitive
traces away from SW.
10
BST
Bootstrap. A capacitor connected between SW and BST is required to form a floating
supply across the high-side switch driver.
11
CLM
Current limit adjust. There are four settings for the current, which can be set by
connecting CLM to GND with different kinds of resistors.
12
PG
Power good output. PG is an open-drain signal. PG is high if the output voltage is
within a proper range.
13
FB
Feedback. An external resistor divider from the output to GND tapped to FB sets the
output voltage. Place the resistor divider as close to FB as possible. Avoid vias on the
FB traces.
14
MODE
Mode. Select MODE for different output ranges and to select DCM or CCM.
15
EN
Enable. When EN = 1, the regulator turns on; when EN = 0, the regulator turns off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com