Electronic Components Datasheet Search
  English  ▼

X  

MP8720 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8720
Description  26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8720 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8720 Datasheet HTML 1Page - Monolithic Power Systems MP8720 Datasheet HTML 2Page - Monolithic Power Systems MP8720 Datasheet HTML 3Page - Monolithic Power Systems MP8720 Datasheet HTML 4Page - Monolithic Power Systems MP8720 Datasheet HTML 5Page - Monolithic Power Systems MP8720 Datasheet HTML 6Page - Monolithic Power Systems MP8720 Datasheet HTML 7Page - Monolithic Power Systems MP8720 Datasheet HTML 8Page - Monolithic Power Systems MP8720 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP8720
26V,10A, High Efficiency, Fast Transient,
Synchronous, Buck Converter
with adjustable CLM
MP8720 Rev. 1.01
www.MonolithicPower.com
1
8/1/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8720 provides a complete power supply
with the highest power density for system
powers, such as DDR memory and USB type-C.
The MP8720 integrates a high-frequency,
synchronous, rectified, step-down, switch-mode
converter (VOUT) with an adjustable current limit
(CLM).
The MP8720 operates at high efficiency over a
wide output current load range based on MPS’s
proprietary switching loss reduction technology
and internal low RDS(ON) power MOSFETs.
Adaptive constant-on-time (COT) control mode
provides fast transient response and eases loop
stabilization. The DC auto-tune loop provides
good load and line regulation.
By setting CLM, the current limit can be
adjusted from 8.5A to 16.5A for different mode
applications.
Full protection features include over-current
limit (OCL), over-voltage protection (OVP),
under-voltage protection (UVP), and thermal
shutdown.
The MP8720 requires a minimal number of
external components and is available in a QFN-
16 (3mmx3mm) package.
FEATURES
 Wide 4.5V to 26V Operating Input Range
 Compatible for USB Type-C
 10A Continous Output Current
 Adjustable Current Limit from 8.5A to 16.5A
 Fixed 700KHz Switching Frequency
 Adaptive COT for Fast Transient
 DC Auto-Tune Loop
 Stable with POSCAP and Ceramic Output
Capacitors
 Internal Soft Start (SS)
 Selectable Pulse Skip or Forced CCM
 Output Adjustable from 0.8V to 5.5V
 OCL, OVP, UVP, and Thermal Shutdown
 Latch-Off Reset via EN or Power Cycle
 Available
in
a
QFN-16
(3mmx3mm)
Package
APPLICATIONS
Televisions
Networking Systems
Distributed Power System
Set-Top-Box
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP8720

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
MP8725EL MPS-MP8725EL Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
MP8726 MPS-MP8726 Datasheet
481Kb / 14P
21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
MP8726EL MPS-MP8726EL Datasheet
481Kb / 14P
21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP8720

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5385 GMT-G5385 Datasheet
125Kb / 1P
High Efficiency 10A Synchronous Buck Converter
G5335 GMT-G5335 Datasheet
58Kb / 1P
High Efficiency 10A Synchronous Buck Converter
G5330A GMT-G5330A Datasheet
59Kb / 1P
High Efficiency 10A Synchronous Buck Converter for 5V System Power
G5310 GMT-G5310 Datasheet
63Kb / 1P
High Efficiency 10A Synchronous Buck Converter
G5309 GMT-G5309 Datasheet
60Kb / 1P
High Efficiency 10A Synchronous Buck Converter
logo
Monolithic Power System...
MP2317 MPS-MP2317 Datasheet
492Kb / 16P
26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
logo
Linear Technology
LTC3779 LINER-LTC3779 Datasheet
1Mb / 12P
High Voltage, High Efficiency 48V/10A Synchronous Buck-Boost Converter
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com