Electronic Components Datasheet Search
  English  ▼

X  

MP8720 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8720
Description  26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8720 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8720 Datasheet HTML 4Page - Monolithic Power Systems MP8720 Datasheet HTML 5Page - Monolithic Power Systems MP8720 Datasheet HTML 6Page - Monolithic Power Systems MP8720 Datasheet HTML 7Page - Monolithic Power Systems MP8720 Datasheet HTML 8Page - Monolithic Power Systems MP8720 Datasheet HTML 9Page - Monolithic Power Systems MP8720 Datasheet HTML 10Page - Monolithic Power Systems MP8720 Datasheet HTML 11Page - Monolithic Power Systems MP8720 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MP8720 – 26V, 10A, SYNCHRONOUS BUCK CONVERTER WITH ADJUSTABLE CLM
MP8720 Rev. 1.01
www.MonolithicPower.com
8
8/1/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 5V, L = 1.5µH, DCR = 10mΩ, FSW = 700kHz, DCM, CLM = 16A, TJ = +25°C, unless
otherwise noted.
‐2
‐1.5
‐1
‐0.5
0
0.5
1
1.5
2
6
8
10
12
14
16
18
20
22
24
LOAD CURRENT(A)
Line Regulation
VOUT=5V, FSW=700kHz, L=1.5µH, 744323150, COUT=3x47µF, 
R9=100kΩ, R10=11.3kΩ,RBST=0Ω, C4=220pF, R4=360kΩ
Iout=0A
Iout=0.1A
Iout=1A
Iout=10A
0
10
20
30
40
50
60
70
0123456
789
10
OUTPUT CURRENT(A)
Temperature Rise with Load Current
VOUT=5V, FSW=700kHz, L=1.5µH, DCR=4.3mΩ,
RBST=0Ω,COUT=4x22µF, DCM MODE
VIN=19V
0
100
200
300
400
500
600
700
800
900
0
246
8
10
LOAD CURRENT(A)
Frequency vs. Load Current
VOUT=5V, FSW=700kHz, L=1.5µH, DCM MODE
VIN=6V
VIN=8.4V
VIN=12V
VIN=19V
0
100
200
300
400
500
600
700
800
900
6
8
10
12
14
16
18
20
22
24
INPUT  VOLTAGE (V)
Frequency vs. Input Voltage
VOUT=5V, FSW=700kHz, L=1.5µH, DCM MODE
Iout=2A
Iout=10A
6
8
10
12
14
16
18
‐40
‐20
0
20
406080
100 120
TEMPERATURE (oC)
Current Limit vs. Temperature
CLM=8.5A
CLM=10A
CLM=13A
CLM=16.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com