Electronic Components Datasheet Search
  English  ▼

X  

MP8720 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8720
Description  26V,10A, High Efficiency, Fast Transient, Synchronous, Buck Converter with adjustable CLM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8720 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8720 Datasheet HTML 7Page - Monolithic Power Systems MP8720 Datasheet HTML 8Page - Monolithic Power Systems MP8720 Datasheet HTML 9Page - Monolithic Power Systems MP8720 Datasheet HTML 10Page - Monolithic Power Systems MP8720 Datasheet HTML 11Page - Monolithic Power Systems MP8720 Datasheet HTML 12Page - Monolithic Power Systems MP8720 Datasheet HTML 13Page - Monolithic Power Systems MP8720 Datasheet HTML 14Page - Monolithic Power Systems MP8720 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MP8720 – 26V, 10A, SYNCHRONOUS BUCK CONVERTER WITH ADJUSTABLE CLM
MP8720 Rev. 1.01
www.MonolithicPower.com
11
8/1/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 5V, L = 1.5µH, DCR = 10mΩ, FSW = 700kHz, DCM, CLM = 16A, TJ = +25°C, unless
otherwise noted.
Short-Circuit Protection through EN Up
Set CLM = 13A, VIN = 19V
Short-Circuit Protection through EN Up
Set CLM = 16.5A, VIN = 19V
CH1: VOUT
500mV/div.
CH2: VEN
5V/div.
CH3: VSW
20V/div.
CH4: IL
10A/div.
CH1: VOUT
500mV/div.
CH2: VEN
5V/div.
CH3: VSW
20V/div.
CH4: IL
10A/div.
1ms/div.
1ms/div.
Thermal Shutdown
VIN = 19V, IOUT = 10A
Thermal Recovery
VIN = 19V, IOUT = 10A
CH1: VOUT
5V/div.
CH2: VPG
5V/div.
CH3: VSW
20V/div.
CH4: IL
10A/div.
CH1: VOUT
5V/div.
CH2: VPG
5V/div.
CH3: VSW
20V/div.
CH4: IL
10A/div.
20µs/div.
1ms/div.
EN Pre-Bias Start-Up
VIN = 19V, IOUT = 10A
OVP Circuit Protection
VIN = 19V, IOUT = 10A, Force VOUT = 6.8V
CH1: VOUT
2V/div.
CH2: VEN
2V/div.
CH3: VSW
10V/div.
CH4: IL
5A/div.
CH1: VOUT
5V/div.
CH2: VIN
20V/div.
CH3: VSW
5V/div.
CH4: IL
5A/div.
400µs/div.
10ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com