Electronic Components Datasheet Search
  English  ▼

X  

SIT3521 Datasheet(PDF) 7 Page - SiTime Corp.

Part # SIT3521
Description  1 to 340 MHz Elite Platform I2C/SPI Programmable Oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3521 Datasheet(HTML) 7 Page - SiTime Corp.

Back Button SIT3521 Datasheet HTML 3Page - SiTime Corp. SIT3521 Datasheet HTML 4Page - SiTime Corp. SIT3521 Datasheet HTML 5Page - SiTime Corp. SIT3521 Datasheet HTML 6Page - SiTime Corp. SIT3521 Datasheet HTML 7Page - SiTime Corp. SIT3521 Datasheet HTML 8Page - SiTime Corp. SIT3521 Datasheet HTML 9Page - SiTime Corp. SIT3521 Datasheet HTML 10Page - SiTime Corp. SIT3521 Datasheet HTML 11Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Rev 0.90
Page 7 of 44
www.sitime.com
SiT3521 1 to 340 MHz Elite™ I2C/SPI Programmable Oscillator
PRELIMINARY
Table 9. Absolute Maximum
Attempted operation outside the absolute maximum ratings of the part may cause permanent damage to the part.
Actual performance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameter
Test Conditions
Value
Unit
Storage Temperature
-65 to 125
°C
Continuous Power Supply Voltage Range (Vdd)
-0.5 to 4
V
Human Body Model (HBM) ESD Protection
JESD22-A114
–
V
Soldering Temperature (follow standard Pb-free soldering guidelines)
260
°C
Junction Temperature[5]
130
°C
Note:
5. Exceeding this temperature for an extended period of time may damage the device.
Table 10. Thermal Consideration[6]
Package
θJA, 4 Layer Board (°C/W)
θJC, Bottom (°C/W)
5032, 10-pin
TBD
TBD
Note:
6. Refer to JESD51 for
θJA and θJC definitions, and reference layout used to determine the θJA and θJC values in the above table.
Table 11. Maximum Operating Junction Temperature[7]
Max Operating Temperature(ambient)
Maximum Operating Junction Temperature
70°C
80
85°C
95
Note:
7. Datasheet specifications are not guaranteed if junction temperature exceeds the maximum operating junction temperature.
Table 12. Environmental Compliance
Parameter
Test Conditions
Value
Unit
Mechanical Shock Resistance
MIL-STD-883F, Method 2002
20000
g
Mechanical Vibration Resistance
MIL-STD-883F, Method 2007
70
g
Temperature Cycle
JESD22, Method A104
–
–
Solderability
MIL-STD-883F, Method 2003
–
–
Moisture Sensitivity Level
MSL1 @260°C
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com