Electronic Components Datasheet Search
  English  ▼

X  

SIT3521 Datasheet(PDF) 34 Page - SiTime Corp.

Part # SIT3521
Description  1 to 340 MHz Elite Platform I2C/SPI Programmable Oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3521 Datasheet(HTML) 34 Page - SiTime Corp.

Back Button SIT3521 Datasheet HTML 30Page - SiTime Corp. SIT3521 Datasheet HTML 31Page - SiTime Corp. SIT3521 Datasheet HTML 32Page - SiTime Corp. SIT3521 Datasheet HTML 33Page - SiTime Corp. SIT3521 Datasheet HTML 34Page - SiTime Corp. SIT3521 Datasheet HTML 35Page - SiTime Corp. SIT3521 Datasheet HTML 36Page - SiTime Corp. SIT3521 Datasheet HTML 37Page - SiTime Corp. SIT3521 Datasheet HTML 38Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Rev 0.90
Page 34 of 44
www.sitime.com
SiT3521 1 to 340 MHz Elite™ I2C/SPI Programmable Oscillator
PRELIMINARY
10.2. I2C Timing Specification
The below timing diagram and table illustrate the timing relationships for both master and slave.
P
Sr
S
VIH
1
tf
tf
VIH
VIL
tHD;STA
VIL
tr
tr
1/fSCLK
tHD;DAT
tSU;DAT
tLOW
tHIGH
tVD;DAT
2
8
9
tSU;STA
tVD;ACK
8
9
tHD;STA
tSU;STO
tBUF
SDA
SCLK
SDA
SCLK
START Condition
Repeated START Condition
S
STOP Condition START Condition
Figure 32. I2C Timing Diagram
Table 26. I2C Timing Requirements
All Min and Max limits are specified over temperature and rated operating voltage with 255 Ohm resister and 550 pF output
load unless otherwise stated. Typical values are at 25°C and nominal supply voltage.
Parameter
Symbol
Standard mode
Fast mode
Fast mode plus
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
SCLK clock frequency
fSCLK
–
–
100
–
–
400
–
–
1000
kHz
Low period of SCLK clock
tLOW
500
–
–
500
–
–
500
–
–
ns
High period of SCLK clock
tHIGH
260
–
–
260
–
–
260
–
–
ns
Rise time of both SCLK and SDA
tr
–
–
120
–
–
120
–
–
120
ns
Fall time of both SCLK and SDA
tf
30
–
70
30
–
70
30
–
70
ns
Hold time for Start condition
tHD;STA
260
–
–
260
–
–
260
–
–
ns
Setup time for Start condition
tSU;STA
260
–
–
260
–
–
260
–
–
ns
Data setup time
tSU;DAT
50
–
–
50
–
–
50
–
–
ns
Data hold time
tHD;DAT
0
–
–
0
–
–
0
–
–
ns
Data valid time
tVD;DAT
–
–
450
–
–
450
–
–
450
ns
Data valid acknowledge time
tVD;ACK
–
–
450
–
–
450
–
–
450
ns
Setup time for stop condition
tSU:STO
260
–
–
260
–
–
260
–
–
ns
I2C bus free time between
stop and start
tBUF
500
–
–
500
–
–
500
–
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com