Electronic Components Datasheet Search
  English  ▼

X  

SIT3521 Datasheet(PDF) 32 Page - SiTime Corp.

Part # SIT3521
Description  1 to 340 MHz Elite Platform I2C/SPI Programmable Oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3521 Datasheet(HTML) 32 Page - SiTime Corp.

Back Button SIT3521 Datasheet HTML 28Page - SiTime Corp. SIT3521 Datasheet HTML 29Page - SiTime Corp. SIT3521 Datasheet HTML 30Page - SiTime Corp. SIT3521 Datasheet HTML 31Page - SiTime Corp. SIT3521 Datasheet HTML 32Page - SiTime Corp. SIT3521 Datasheet HTML 33Page - SiTime Corp. SIT3521 Datasheet HTML 34Page - SiTime Corp. SIT3521 Datasheet HTML 35Page - SiTime Corp. SIT3521 Datasheet HTML 36Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Rev 0.90
Page 32 of 44
www.sitime.com
SiT3521 1 to 340 MHz Elite™ I2C/SPI Programmable Oscillator
PRELIMINARY
10 I2C Operation
10.1. I2C protocol
Data valid
The SDA line must be stable during the high period of the
SCLK. SDA transitions are allowed only during SCLK low
level for data communication. Only one transition is
allowed during low SCLK pulse to communicate one bit of
data. Figure 28 shows the detailed timing diagram.
START and STOP conditions
The idle I2C bus state occurs when both SCLK and SDA
are not being driven by any master and are therefore in a
logic HI state due to the pull up resistors. Every
transaction begins with a START (S) signal and ends with
a STOP (P) signal. A START condition is defined by a
high to low transition on the SDA while SCLK is high. A
STOP condition is defined by a low to high transition on
the SDA while SCLK is high. START and STOP conditions
are always generated by master. This slave module also
supports repeated START (Sr) condition which is same as
START condition instead of STOP condition (Blue color
line shows repeated START in Figure 29).
SDA
SCLK
data line stable:
data valid
change of data
allowed
setup time
Figure 28. Data and clock timing relation in I2C bus
SDA
SCLK
S
P
START Condition
STOP Condition
hold time
setup time
hold time
Figure 29. START and STOP (or repeated START) condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com