Electronic Components Datasheet Search
  English  ▼

X  

SIT3521 Datasheet(PDF) 3 Page - SiTime Corp.

Part # SIT3521
Description  1 to 340 MHz Elite Platform I2C/SPI Programmable Oscillator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3521 Datasheet(HTML) 3 Page - SiTime Corp.

  SIT3521 Datasheet HTML 1Page - SiTime Corp. SIT3521 Datasheet HTML 2Page - SiTime Corp. SIT3521 Datasheet HTML 3Page - SiTime Corp. SIT3521 Datasheet HTML 4Page - SiTime Corp. SIT3521 Datasheet HTML 5Page - SiTime Corp. SIT3521 Datasheet HTML 6Page - SiTime Corp. SIT3521 Datasheet HTML 7Page - SiTime Corp. SIT3521 Datasheet HTML 8Page - SiTime Corp. SIT3521 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Rev 0.90
Page 3 of 44
www.sitime.com
SiT3521 1 to 340 MHz Elite™ I2C/SPI Programmable Oscillator
PRELIMINARY
1 Electrical Characteristics
All Min and Max limits in the Electrical Characteristics tables are specified over temperature and rated operating voltage with
standard output terminations shown in the termination diagrams. Typical values are at 25°C and nominal supply voltage.
Table 1. Electrical Characteristics – Common to LVPECL, LVDS and HCSL
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Frequency Range
Output Frequency Range
f
1
–
340
MHz
Factory or user programmable, accurate to 6 decimal places
Frequency Stability
Frequency Stability
F_stab
-20
–
+20
ppm
Inclusive of initial tolerance, operating temperature, rated
power supply voltage and load variations.
Contact SiTime for
±10 ppm option
-25
–
+25
ppm
-50
–
+50
ppm
First Year Aging
F_aging1
–
±1
–
ppm
At 25°C
Temperature Range
Operating Temperature Range
T_use
-20
–
+70
°C
Extended Commercial
-40
–
+85
°C
Industrial.
Contact SiTime for higher temperature range options
Supply Voltage
Supply Voltage
Vdd
2.97
3.3
3.63
V
2.7
3.0
3.3
V
2.52
2.8
3.08
V
2.25
2.5
2.75
V
Input Characteristics – OE Pin
Input Voltage High
VIH
70%
–
–
Vdd
OE pin
Input Voltage Low
VIL
–
–
30%
Vdd
OE pin
Input Pull-up Impedance
Z_in
–
100
–
kΩ
OE pin, logic high or logic low
Output Characteristics
Duty Cycle
DC
45
–
55
%
Startup and Output Enable/Disable Timing
Start-up Time
T_start
–
–
3
ms
Measured from the time Vdd reaches its rated minimum value
Output Enable/Disable Time –
Hardware control vis OE pin
T_oe_hw
–
–
3.8
µs
Measured from the time OE pin reaches rated VIH and VIL to
the time clock pins reach 90% of swing and high-Z.
See Figure 7 and Figure 8
Output Enable/Disable Time –
Software control vis I2C/SPI
T_oe_sw
6.5
µs
Measured from the time the last byte of command is
transmitted via I2C/SPI (reg1) to the time clock pins reach 90%
of swing and high-Z. See Figure 26 and Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com