Electronic Components Datasheet Search
  English  ▼

X  

MP8847 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8847
Description  6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8847 Datasheet HTML 14Page - Monolithic Power Systems MP8847 Datasheet HTML 15Page - Monolithic Power Systems MP8847 Datasheet HTML 16Page - Monolithic Power Systems MP8847 Datasheet HTML 17Page - Monolithic Power Systems MP8847 Datasheet HTML 18Page - Monolithic Power Systems MP8847 Datasheet HTML 19Page - Monolithic Power Systems MP8847 Datasheet HTML 20Page - Monolithic Power Systems MP8847 Datasheet HTML 21Page - Monolithic Power Systems MP8847 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP8847 – 6A, 2.7V-6V, HIGH-EFFICIENCY, SYNCHRONOUS
STEP-DOWN SWITCHER WITH I
2C INTERFACE IN 2X3MM QFN
MP8847 Rev. 1.02
www.MonolithicPower.com
18
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
I
2C INTERFACE
The MP8847 can communicate with the core
and the I2C for smart design. MPS has a GUI
control interface (see Figure 3). The installation
process and usage can be found in the MP884x
Family Software Guide.
I
2C Address
The I2C slave address of the MP8847 is 0xC0H
/ 0xC1H internally (see Table 2). If other slave
addresses are needed, please contact the
factory.
Table 2: I
2C Slave Address
Hex
A7 A6 A5 A4 A3 A2 A1
A0
W 0xC0
R 0xC1
1
1
0
0
0
0
0
R/W
Address
0x60
I
2CEnable
The MP8847’s EN pin can start up and
shutdown the converter, and the I2C Enable pin
can control the converter as well. The Reg01
VSEL D7 bit is I2C-controlled enabled. When
writing D7=0, the converter is off. When writing
D7=1, the converter is on. Both the external EN
and I2C EN can control the converter. The
converter works only when both EN pins are
high.
Output Voltage Selection
The
MP8847
output
voltage
is
I2C-
programmable. There is no need to set
feedback resistors to achieve different output
voltages. The default output voltage is 0.95V
but can be set from 0.6V to 1.235V in 5mV
steps via the I2C. To change the output voltage,
write the Go bit (Reg03 Syscntlreg2 [D5]) to 1.
This action means that the output voltage can
be set to another value that is not the default Vo
voltage. Then write the Output reference bit
(Reg01 VSEL [D6:D0]). The output voltage can
be changed according to Table 1.
To guarantee a normal output voltage, the input
voltage is suggested to be 1.5V higher than the
pre-set output voltage.
Switching Frequency
The default switching frequency of the MP8847
is 1.25MHz. However, the frequency can be
changed based on the application. By writing
the
switching
frequency
bits
(Reg02
SysCntlreg1 [D7:D5], the switching frequency
can be programmed to one of six possible
values. Their corresponding data can be found
in Reg02 SysCntlreg1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com