Electronic Components Datasheet Search
  English  ▼

X  

MP8847 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8847
Description  6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8847 Datasheet HTML 1Page - Monolithic Power Systems MP8847 Datasheet HTML 2Page - Monolithic Power Systems MP8847 Datasheet HTML 3Page - Monolithic Power Systems MP8847 Datasheet HTML 4Page - Monolithic Power Systems MP8847 Datasheet HTML 5Page - Monolithic Power Systems MP8847 Datasheet HTML 6Page - Monolithic Power Systems MP8847 Datasheet HTML 7Page - Monolithic Power Systems MP8847 Datasheet HTML 8Page - Monolithic Power Systems MP8847 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP8847 – 6A, 2.7V-6V, HIGH-EFFICIENCY, SYNCHRONOUS
STEP-DOWN SWITCHER WITH I
2C INTERFACE IN 2X3MM QFN
MP8847 Rev. 1.02
www.MonolithicPower.com
4
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ= -40°C to +125°C
(6), typical value is tested at T
J= +25°C. The limit over temperature
is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input voltage range
VIN
2.7
6
V
Quiescent current
IQ
EN=1.8V, no switching,
PFM mode
300
μA
Shutdown current
IS
EN=GND, TJ=25°C
1
μA
Internal reference voltage
VREF
TJ=25°C
0.591
0.600
0.609
V
-40°C<TJ<125°C
0.585
0.600
0.615
V
Lowest output voltage
VLOW
Register = 00h, TJ=25°C
0.591
0.600
0.609
V
-40°C<TJ<125°C
0.585
0.600
0.615
V
Highest output voltage
VHIGH
Register = 7Fh, TJ=25°C
1.216
1.235
1.254
V
-40°C<TJ<125°C
1.204
1.235
1.266
V
Output voltage step
VSTEP
5
mV
High-side switch on
resistance
RHSON
35
mΩ
Low-side switch on
resistance
RLSON
15
mΩ
UVLO rising threshold
VUVLOR
2.55
2.7
V
UVLO hysteretic
VUVLOHY
150
mV
Switching frequency
FSW
0.85
2.2
MHz
Frequency variation
FSW
25%
Minimum on time
(7)
TMINON
60
ns
Switch leakage
ISW
VEN=0V, VIN=5V, VSW=0V
and 5V, TJ=25°C
0.1
1
μA
EN input current
IEN
4
μA
EN logic low voltage
VENH
0.4
V
EN logic high voltage
VENL
1.8
V
Power good UV threshold
rising
PGVth-Hi Good
0.9
VOUT
Power good UV threshold
falling
PGVth-Lo Fault
0.85
VOUT
Power good OV threshold
rising
PGVth-Hi Fault
1.1
VOUT
Power good OV threshold
falling
PGVth-Lo Good
1.05
VOUT
Power good pull-down
voltage
VPGL
ISINK=1mA
0.4
V
Power good deglitch time
TPGd
50
μs
Power good leakage
IPGd
1
μA
VOUT OVP threshold
Rising edge
+10%
VTARGET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com