Electronic Components Datasheet Search
  English  ▼

X  

MP8847 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8847
Description  6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8847 Datasheet HTML 14Page - Monolithic Power Systems MP8847 Datasheet HTML 15Page - Monolithic Power Systems MP8847 Datasheet HTML 16Page - Monolithic Power Systems MP8847 Datasheet HTML 17Page - Monolithic Power Systems MP8847 Datasheet HTML 18Page - Monolithic Power Systems MP8847 Datasheet HTML 19Page - Monolithic Power Systems MP8847 Datasheet HTML 20Page - Monolithic Power Systems MP8847 Datasheet HTML 21Page - Monolithic Power Systems MP8847 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
MP8847 – 6A, 2.7V-6V, HIGH-EFFICIENCY, SYNCHRONOUS
STEP-DOWN SWITCHER WITH I
2C INTERFACE IN 2X3MM QFN
MP8847 Rev. 1.02
www.MonolithicPower.com
20
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
inductor, the actual output voltage slew rate
should be a little slower.
PG Multi-Use
The MP8847 PG pin has multi-usage. When the
PG Control bit (Reg03 SysCntlreg2 D1) is 0,
PG indicates the Vo status, such as Vo over-
voltage or under-voltage. When the PG Control
bit (Reg03 sysCntlrge2 D1) is 1, the PG voltage
is controlled by the PG Set bit (Reg03
sysCntlrge2 D0).The PG voltage is high if D0=0;
otherwise, the PG voltage is low (see Table 3).
Table 3: PG Multi-Use
D1
D0
PG
0
0
PG indicator
0
1
1
0
PG forced to 1
1
1
PG forced to 0
I
2C Register Hold On
The MP8847 has a special function: the I2C
register can hold on after EN changes low. The
updated register can be held for later
application conditions, even if the external EN
pulls low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com