Electronic Components Datasheet Search
  English  ▼

X  

MP8847 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8847
Description  6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8847 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8847 Datasheet HTML 14Page - Monolithic Power Systems MP8847 Datasheet HTML 15Page - Monolithic Power Systems MP8847 Datasheet HTML 16Page - Monolithic Power Systems MP8847 Datasheet HTML 17Page - Monolithic Power Systems MP8847 Datasheet HTML 18Page - Monolithic Power Systems MP8847 Datasheet HTML 19Page - Monolithic Power Systems MP8847 Datasheet HTML 20Page - Monolithic Power Systems MP8847 Datasheet HTML 21Page - Monolithic Power Systems MP8847 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MP8847 – 6A, 2.7V-6V, HIGH-EFFICIENCY, SYNCHRONOUS
STEP-DOWN SWITCHER WITH I
2C INTERFACE IN 2X3MM QFN
MP8847 Rev. 1.02
www.MonolithicPower.com
19
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 3: MP884x Family Control Interface
PGOOD Configuration
The MP8847 has an option to use the
PG_LOHI function. This function can be written
in the Pglohi bit (Reg02 Syscntlreg1 [D2]). The
default value is 1, where PGOOD senses both
a positive and negative excursion of Vo from
the reference. If writing this bit to 0, PGOOD
only senses a negative voltage excursion of Vo
from the reference.
Input Over-Voltage Protection (OVP)
The MP8847 has an option to use the
VIN_OVP function. This function can be written
in theVIN_OVP bit (Reg02 Syscntlreg1 [D1]).
The default value is 0, where the VIN OVP
function is enabled. When VIN is higher than
6.3V, the converter is disabled. After VIN
recovers to 6.2V, the converter restarts. If the
VIN_OVP bit is set to 1, VIN OVP is disable.
The converter will not stop, even if VIN exceeds
its safe range.
Forced Continuous Conduction Mode (CCM)
The
MP8847
has
auto-pulse-frequency
modulation (PFM) mode and forced CCM. This
function can be written in the Mode bit (Reg02
Syscntlreg1 [D0]). The default value is 0, where
auto-PFM mode is selected. Considering a
smaller Vo ripple and regulation for a full load
range, forced CCM is recommended. Set this
bit to 1 to disable PFM mode.
Output Discharge
The MP8847 has an output discharge function.
Writing the Out-dis bit (Reg03 SysCntlreg2 [D4])
can change the output discharge mode. The
default value is 0, and Vo can be discharged by
its load when EN is low. Writing D4=1 can
enable the function, and then the output voltage
can be discharged by the internal pull-down
resistance.
Output Voltage Transition Slew Rate
When the output voltage switches from low to
high or from high to low, the transition slew rate
can be different. There are two possible values
for selection. Through writing the Slew Rate bits
(Reg02 Syscntlreg1[D4: D3]), the transition
slew rate can be set at one possible value
based on the application. The internal reference
follows the set slew rate, but the output voltage
slew rate does not always follow the internal
reference. Considering the output capacitor and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com