Electronic Components Datasheet Search
  English  ▼

X  

MP8848 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8848
Description  6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8848 Datasheet HTML 12Page - Monolithic Power Systems MP8848 Datasheet HTML 13Page - Monolithic Power Systems MP8848 Datasheet HTML 14Page - Monolithic Power Systems MP8848 Datasheet HTML 15Page - Monolithic Power Systems MP8848 Datasheet HTML 16Page - Monolithic Power Systems MP8848 Datasheet HTML 17Page - Monolithic Power Systems MP8848 Datasheet HTML 18Page - Monolithic Power Systems MP8848 Datasheet HTML 19Page - Monolithic Power Systems MP8848 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP8848 – 6A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I
2C
MP8848 Rev. 1.0
www.MonolithicPower.com
16
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP8848 is a low-voltage, 6A, synchronous,
step-down converter with a controllable I2C
interface. The MP8848 applies MPS’s patented
constant-frequency hysteretic control to utilize
fast transient response of the hysteretic control
and keep the switching frequency constant. No
compensation is required, which simplifies the
design procedure.
The MP8848 integrates an I2C-compatible
interface that allows transfers of up to 3.4Mbps.
This communication interface can be used for
dynamic voltage scaling with voltage steps
down to 5mV with the output voltage from 0.6V
to 1.235V. The voltage transition slew rate can
be controlled as well.
Light-Load Operation
In light-load condition, the MP8848 uses a
proprietary control scheme to save power and
improve efficiency. The MP8848 turns off the
low-side switch when the inductor current
begins reversing. The MP8848 then works in
discontinuous
conduction
mode
(DCM)
operation.
Enable (EN)
When the input voltage is greater than the
under-voltage
lockout
(UVLO)
threshold
(typically 2.55V), the MP8848 can be enabled
by pulling EN above 1.8V. Pull EN down to
ground to disable the MP8848. The IC can also
be disabled by floating EN. There is an internal
1MΩ resistor from EN to ground.
Soft Start (SS)
The MP8848 has a built-in soft start that ramps
up the output voltage at a controlled slew rate,
preventing inrush current and output voltage
overshoot at start-up. The soft-start time is
about 1ms.
Power Good (PG) Indicator
The MP8848 has an open-drain output for
power good (PG) indication. When the output
voltage is within ±10% of the regulation voltage,
PG is pulled up to VIN by the external resistor.
Current Limit
The MP8848 has a typical 11A current limit for
the high-side switch. When the high-side switch
reaches the current limit, the MP8848 expands
the minimum off time until the current drops to
5.8A before the high-side switch is turned on for
the next switching cycle. This prevents the
inductor current from continuing to build up and
damaging the components.
Thermal Protection
The MP8848 employs thermal shutdown by
monitoring the junction temperature of the IC
internally. If the junction temperature exceeds
the thermal warning threshold (around 130°C),
OTW is set. If there is no action or response
from the system, the junction temperature
continues rising until it exceeds the thermal
shutdown threshold (typically 150°C). After
thermal shutdown, a new power start-up cycle
is needed to turn on the MP8848 again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com