Electronic Components Datasheet Search
  English  ▼

X  

MP8848 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8848
Description  6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8848 Datasheet HTML 1Page - Monolithic Power Systems MP8848 Datasheet HTML 2Page - Monolithic Power Systems MP8848 Datasheet HTML 3Page - Monolithic Power Systems MP8848 Datasheet HTML 4Page - Monolithic Power Systems MP8848 Datasheet HTML 5Page - Monolithic Power Systems MP8848 Datasheet HTML 6Page - Monolithic Power Systems MP8848 Datasheet HTML 7Page - Monolithic Power Systems MP8848 Datasheet HTML 8Page - Monolithic Power Systems MP8848 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP8848 – 6A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I
2C
MP8848 Rev. 1.0
www.MonolithicPower.com
5
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TJ = -40°C to +125°C
(6), typical value is tested at T
J = +25°C. The limit over temperature
is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VOUT OVP threshold
Rising edge
+10%
VTARGET
High-side switch peak
current limit (source)
Ipeak
7
11
A
High-side switch valley
current limit
(7)
Ivalley
5.8
A
Low-side switch current
limit (sink)
PFM mode
0
A
PWM mode
(7)
-5
A
Soft-start time
TSS-ON
0.4
1
1.6
ms
Discharge resistor
500
Ω
Thermal warning
(6)
130
C
Thermal shutdown
(6)
150
C
DAC resolution
(7)
7
bits
NOTE:
6) Not tested in production, guaranteed by over-temperature correlation.
7) Guaranteed by engineering sample characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com