Electronic Components Datasheet Search
  English  ▼

X  

MP8848 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8848
Description  6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8848 Datasheet HTML 4Page - Monolithic Power Systems MP8848 Datasheet HTML 5Page - Monolithic Power Systems MP8848 Datasheet HTML 6Page - Monolithic Power Systems MP8848 Datasheet HTML 7Page - Monolithic Power Systems MP8848 Datasheet HTML 8Page - Monolithic Power Systems MP8848 Datasheet HTML 9Page - Monolithic Power Systems MP8848 Datasheet HTML 10Page - Monolithic Power Systems MP8848 Datasheet HTML 11Page - Monolithic Power Systems MP8848 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MP8848 – 6A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I
2C
MP8848 Rev. 1.0
www.MonolithicPower.com
8
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 5V, VOUT = 0.94V, L = 0.47µH, TA = 25°C, unless otherwise noted.
VIN UVLO Rising and
Falling Threshold vs.
Temperature
EN Rising and Falling
Threshold vs.
Temperature
Highest VOUT vs.
Temperature
200
250
300
350
400
23
45
67
0
0.05
0.1
0.15
0.2
23
45
67
0.500
0.550
0.600
0.650
0.700
0.750
0.800
-60 -40 -20 0 20 40 60 80100
1.000
1.050
1.100
1.150
1.200
1.250
1.300
-60 -40 -20 0 20
40 60 80 100
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -40 -20 0 20 40 60 80 100
Rising
Falling
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-60 -40 -20 0 20 40 60 80 100
Rising
Falling
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
10
PFM
PWM
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.1
1
10
PFM
PWM
-0.8%
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
0.8%
0123
4567
V
IN=5V, VOUT=0.94V
V
IN=3.6V, VOUT=0.94V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com