Electronic Components Datasheet Search
  English  ▼

X  

MP8848 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8848
Description  6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8848 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8848 Datasheet HTML 3Page - Monolithic Power Systems MP8848 Datasheet HTML 4Page - Monolithic Power Systems MP8848 Datasheet HTML 5Page - Monolithic Power Systems MP8848 Datasheet HTML 6Page - Monolithic Power Systems MP8848 Datasheet HTML 7Page - Monolithic Power Systems MP8848 Datasheet HTML 8Page - Monolithic Power Systems MP8848 Datasheet HTML 9Page - Monolithic Power Systems MP8848 Datasheet HTML 10Page - Monolithic Power Systems MP8848 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP8848 – 6A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I
2C
MP8848 Rev. 1.0
www.MonolithicPower.com
7
2/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
I
2C PORT SIGNAL CHARACTERISTICS
Parameter
Symbol
Condition
Cb = 100pF
Cb = 400pF
Units
Min
Max
Min
Max
SCLH and SCL clock
frequency
fSCHL
0
3.4
0
0.4
MHz
Set-up time for a repeated
start condition
TSU;STA
160
-
600
-
ns
Hold time (repeated) start
condition
THD;STA
160
-
600
-
ns
Low period of the SCL
clock
tLOW
160
-
1300
-
ns
High period of the SCL
clock
tHIGH
60
-
600
-
ns
Data set-up time
TSU:DAT
10
-
100
-
ns
Data hold time
THD;DAT
0
70
0
-
ns
Rise time of SCLH signal
trCL
10
40
20*0.1Cb
300
ns
Rise time of SCLH signal
after a repeated start
condition and after an
acknowledge bit
tfCL1
10
80
20*0.1Cb
300
ns
Fall time of SCLH signal
TfCL
10
40
20*0.1Cb
300
ns
Rise time of SDAH signal
tfDA
10
80
20*0.1Cb
300
ns
Fall time of SDAH signal
TfDA
10
80
20*0.1Cb
300
ns
Set-up time for a stop
condition
TSU;STO
160
-
600
-
ns
Bus free time between a
stop and start condition
TBUF
160
-
1300
-
ns
Data valid time
TVD;DAT
-
16
-
90
ns
Data valid acknowledge
time
TVD;ACK
-
160
-
900
ns
Capacitive load for each
bus line
Cb
SDAH and SCLH line
-
100
-
400
pF
SDAH + SDA line and
SCLH + SCL line
-
400
-
400
pF
Noise margin at the low
level
VnL
For each connected
device
-
0.1VCC
0.1VCC
-
V
Noise margin at the high
level
VnH
For each connected
device
-
0.2VCC
0.2VCC
-
V
NOTE:
VCC is the I
2C bus voltage in the 1.5V to 3.3V range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com