Electronic Components Datasheet Search
  English  ▼

X  

BSW6421 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BSW6421
Description  5MHz-6000MHz High Isolation Reflective SPDT RF switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BSW6421 Datasheet(HTML) 1 Page - BeRex Corporation

  BSW6421 Datasheet HTML 1Page - BeRex Corporation BSW6421 Datasheet HTML 2Page - BeRex Corporation BSW6421 Datasheet HTML 3Page - BeRex Corporation BSW6421 Datasheet HTML 4Page - BeRex Corporation BSW6421 Datasheet HTML 5Page - BeRex Corporation BSW6421 Datasheet HTML 6Page - BeRex Corporation BSW6421 Datasheet HTML 7Page - BeRex Corporation BSW6421 Datasheet HTML 8Page - BeRex Corporation BSW6421 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Ver. 2.1
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5MHz-6000MHz High Isolation Reflective SPDT RF switch
BSW6421
Block Diagram
Device Features - Common
Package Type
• Output frequency range : 5 MHz to 6.0 GHz
• Supply Voltage : 2.7V to 5.5V
• ESD protection : 2.5kV @ all pins
• 6-lead DFN package : 1.5mm x 1.5mm x 0.5mm
• Operating temperature range : -40°C - +105°C
Applications
• WiMAX 802.16
• WLAN 802.11 a/b/g/n/ac/ax
• DOCSIS 3.0/3.1
• Drone
• NFC
• Bluetooth
• Smart Card
• Wireless Infrastructure
• Remote keyless entry
• Telematics / Infotainment
• Two-way radios
• Wireless control systems
• GPS/Navigation
Product Description
The BSW6421 is a reflective SPDT RF switch that can
be used in high power and good performance WiMAX
802.16, WLAN 802.11 a/b/g/n/ac/ax and DOCSIS
3.0/3.1 applications.
This device is packaged in RoHS-compliant with
1.5x1.5mm, 6-lead UDFN package. It must be used
with back side ground soldering.
The BSW6421 has robust ESD protection circuits at all
pins and temperature performance (operating tem-
perature range : -40 ~ +105°C), furthermore this
switch does not require blocking capacitors.
This device also has a high linearity performance over
all temperature range such as IIP3, IIP2.
A functional block diagram is shown in Figure 1.
Device Features - 50Ω
• Low insertion loss
: 0.75dB @ 2.45GHz
: 0.95dB @ 5.75GHz
• High isolation
: 50dB @ 2.45GHz
: 39dB @ 5.75GHz
• Input 1 dB output compression (ANT - Tx)
: 39dBm @ 2.45GHz
: 37dBm @ 5.75GHz
• High IIP3 (ANT - Tx)
: 63dBm @ 2.45GHz
: 68dBm @ 5.75GHz
Device Features - 75Ω
• Low insertion loss
: 0.46dB @ 204MHz
• High isolation
: 61dB @ 204MHz
• High IIP3
: 69dBm @ 633MHz
• 2
nd / 3rd Harmonic
: 107dBc / 122dBc @ 633MHz
6-Lead 1.5x1.5mm, UDFN Package
Figure 2 Package Type
Figure 1 Functional Block Diagram


Similar Part No. - BSW6421

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
5MHz-6000MHz High Linearity Reflective SPDT RF switch
logo
Central Semiconductor C...
BSW65 CENTRAL-BSW65 Datasheet
56Kb / 1P
Small Signal Transistors
logo
NXP Semiconductors
BSW66 PHILIPS-BSW66 Datasheet
53Kb / 8P
NPN switching transistors
1997 May 05
logo
Central Semiconductor C...
BSW66 CENTRAL-BSW66 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BSW66 SEME-LAB-BSW66 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
More results

Similar Description - BSW6421

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC349MS8G HITTITE-HMC349MS8G Datasheet
210Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349LP4C HITTITE-HMC349LP4C_06 Datasheet
278Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC349MS8G HITTITE-HMC349MS8G_07 Datasheet
260Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_1 Datasheet
243Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
HMC349LP4C HITTITE-HMC349LP4C_08 Datasheet
204Kb / 6P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
HMC849LP4CE HITTITE-HMC849LP4CE_11 Datasheet
497Kb / 8P
HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250_14 Datasheet
808Kb / 9P
Reflective SPDT RF Switch
logo
TriQuint Semiconductor
TQP4M0009 TRIQUINT-TQP4M0009_15 Datasheet
609Kb / 8P
High Isolation Reflective SPDT Switch
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
5MHz-6000MHz High Linearity Reflective SPDT RF switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com