Electronic Components Datasheet Search
  English  ▼

X  

BSW6421 Datasheet(PDF) 5 Page - BeRex Corporation

Part # BSW6421
Description  5MHz-6000MHz High Isolation Reflective SPDT RF switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BSW6421 Datasheet(HTML) 5 Page - BeRex Corporation

  BSW6421 Datasheet HTML 1Page - BeRex Corporation BSW6421 Datasheet HTML 2Page - BeRex Corporation BSW6421 Datasheet HTML 3Page - BeRex Corporation BSW6421 Datasheet HTML 4Page - BeRex Corporation BSW6421 Datasheet HTML 5Page - BeRex Corporation BSW6421 Datasheet HTML 6Page - BeRex Corporation BSW6421 Datasheet HTML 7Page - BeRex Corporation BSW6421 Datasheet HTML 8Page - BeRex Corporation BSW6421 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Ver. 2.1
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5MHz-6000MHz High Isolation Reflective SPDT RF switch
BSW6421
Product Description
Figure 3 Functional Block Diagram
Table 4 Pin Descriptions
No.
Pin Name
Descriptions
1
V1
Digital Control Logic Input
2
ANT (RFC)
ANT RF port (RFC).
3
VDD
Supply Voltage (Typical 3.3V)
4
Rx (RF2)
Rx RF port (RF2).
5
GND
Ground
6
Tx (RF1)
Tx RF port (RF1).
Pad
Exposed Pad
Ground
Table 6 Operating Ranges
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
3.3
5.5
V
Supply Current
IDD
-
140
-
μA
Digital Input Control (V1)
V1 High
1.0
-
3.3
V
V1 Low
0
-
0.7
V
Operating Temperature Range
To
-40
+25
+105
°C
Table 7 Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD
-0.3
5.5
V
Digital Input Voltage (V1)
V1
-0.3
3.6
V
Maximum Input Power
-
-
41
dBm
Storage Temperature range
-
-65
+150
°C
ESD
HBM
All pins
-
-
2500
V
CDM
All pins
-
-
1000
V
V1
ANT - Tx
ANT - Rx
0
OFF
ON
1
ON
OFF
Table 5 V1 Control Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com