Electronic Components Datasheet Search
  English  ▼

X  

BSW6421 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BSW6421
Description  5MHz-6000MHz High Isolation Reflective SPDT RF switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BSW6421 Datasheet(HTML) 3 Page - BeRex Corporation

  BSW6421 Datasheet HTML 1Page - BeRex Corporation BSW6421 Datasheet HTML 2Page - BeRex Corporation BSW6421 Datasheet HTML 3Page - BeRex Corporation BSW6421 Datasheet HTML 4Page - BeRex Corporation BSW6421 Datasheet HTML 5Page - BeRex Corporation BSW6421 Datasheet HTML 6Page - BeRex Corporation BSW6421 Datasheet HTML 7Page - BeRex Corporation BSW6421 Datasheet HTML 8Page - BeRex Corporation BSW6421 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Ver. 2.1
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5MHz-6000MHz High Isolation Reflective SPDT RF switch
BSW6421
Electrical Specifications - 50Ω
Typical conditions are at VDD = 3.3V, TA = 25°C, V1 Low = 0V, V1 High = 3.3V, ZL = 50Ω, Excluding SMA Connector and PCB loss, unless other-
wise noted.
Table 2 Electrical Specifications - 50Ω
Parameter
Path
Condition
Min
Typ
Max
Unit
Input IP3*
ANT - Tx
2.45GHz
5.75GHz
63
68
dBm
ANT - Rx
2.45GHz
5.75GHz
56
67
Input IP2*
ANT - Tx
2.45GHz
5.75GHz
105
110
dBm
ANT - Rx
2.45GHz
5.75GHz
90
105
2
nd Harmonic
ANT - Tx
2.45GHz
5.75GHz
95
100
dBc
ANT - Rx
2.45GHz
5.75GHz
78
95
3
rd Harmonic
ANT - Tx
2.45GHz
5.75GHz
100
110
dBc
ANT - Rx
2.45GHz
5.75GHz
85
105
Video Feedthrough**
5ns rise-time pulse
25
mVpp
Switching Time
ANT - Tx
ANT - Rx
50% control to 90% RF
50% control to 10% RF
500
400
ns
* Tone Power is 18dBm and Tone spacing is 20KHz.
** DC transient test at RF all ports (ANT, Tx, Rx) when V1 is switched from High to Low or from Low to High in a 50Ω setup.
Excluding SMA Connector and PCB loss. 1GHz (0.12dB), 2GHz (0.20dB), 3GHz (0.27dB), 4GHz (0.35dB), 5GHz (0.51dB), 6GHz (0.52dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com