Electronic Components Datasheet Search
  English  ▼

X  

BSW6421 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BSW6421
Description  5MHz-6000MHz High Isolation Reflective SPDT RF switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BSW6421 Datasheet(HTML) 4 Page - BeRex Corporation

  BSW6421 Datasheet HTML 1Page - BeRex Corporation BSW6421 Datasheet HTML 2Page - BeRex Corporation BSW6421 Datasheet HTML 3Page - BeRex Corporation BSW6421 Datasheet HTML 4Page - BeRex Corporation BSW6421 Datasheet HTML 5Page - BeRex Corporation BSW6421 Datasheet HTML 6Page - BeRex Corporation BSW6421 Datasheet HTML 7Page - BeRex Corporation BSW6421 Datasheet HTML 8Page - BeRex Corporation BSW6421 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Ver. 2.1
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5MHz-6000MHz High Isolation Reflective SPDT RF switch
BSW6421
Electrical Specifications - 75Ω
Typical conditions are at VDD = 3.3V, TA = 25°C, V1 Low = 0V, V1 High = 3.3V, ZL = 75Ω, Excluding SMA Connector and PCB loss, unless other-
wise noted.
Table 3 Electrical Specifications - 75Ω
Parameter
Path
Condition
Min
Typ
Max
Unit
Operating Frequency
RFC - RFx
5
6000
MHz
Insertion Loss
RFC - RFx
5MHz
204MHz
1218MHz
1700MHz
1794MHz
0.44
0.46
0.63
0.61
0.58
dB
Isolation
RFC to RFx
5MHz
204MHz
612MHz
1218MHz
1794MHz
79
61
53
46
37
dB
Isolation
RFx to RFx
5MHz
204MHz
612MHz
1218MHz
1794MHz
83
60
52
50
47
dB
Return Loss
RFC
5MHz – 3GHz (Active port)
15
20
dB
RFx
5MHz – 3GHz (Active port)
15
20
dB
Input P1dB
RFC - RFx
50Ω Impedance @2140MHz
33
dBm
Input IP3* (note)
RFC - RFx
633MHz (Pin=18dBm/tone)
69
dBm
Input IP2* (note)
RFC – RFx
633MHz (Pin=18dBm/tone)
108
dBm
2
nd Harmonic
RFC – RFx
633MHz (Pin=25dBm)
107
dBc
3
rd Harmonic
RFC – RFx
633MHz (Pin=25dBm)
122
dBc
Video Feedthrough**
5ns rise-time pulse
25
mVpp
Switching Time
RFC – RFx
50% control to 90% RF
50% control to 10% RF
500
400
ns
* Tone spacing is 20KHz.
** DC transient test at RF all ports (RFC, RF1, RF2) when V1 is switched from High to Low or from Low to High in a 75Ω setup.
Excluding SMA Connector and PCB loss. 5MHz(0.02dB), 204MHz(0.05dB), 1218MHz(0.13dB), 1700MHz(0.17dB), 1794MHz(0.19dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com