Electronic Components Datasheet Search
  English  ▼

X  

MP8902 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8902
Description  Low Dropout 250mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8902 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8902 Datasheet HTML 1Page - Monolithic Power Systems MP8902 Datasheet HTML 2Page - Monolithic Power Systems MP8902 Datasheet HTML 3Page - Monolithic Power Systems MP8902 Datasheet HTML 4Page - Monolithic Power Systems MP8902 Datasheet HTML 5Page - Monolithic Power Systems MP8902 Datasheet HTML 6Page - Monolithic Power Systems MP8902 Datasheet HTML 7Page - Monolithic Power Systems MP8902 Datasheet HTML 8Page - Monolithic Power Systems MP8902 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP8902
– LOW DROPOUT, 250mA LINEAR REGULATOR
MP8902 Rev. 1.0
www.MonolithicPower.com
3
9/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
(5)
Max
Units
Operating Voltage
IOUT = 1mA
2.7
6.5
V
Output Voltage Accuracy
IOUT = 1mA, VOUT = 1.25V to 5V
2.0
±1.0
2.0
%
Ground Pin Current
IOUT = 1mA–250mA
125
155
μA
Shutdown Current
VEN = 0V, VIN = 5V
0.1
1
μA
FB Regulation Voltage
1.197
1.222
1.246
V
–40
C  T
A  +85C
1.194
1.222
1.249
Dropout Voltage
(6)
IOUT = 250mA
VOUT = 3V
230
mV
VOUT = 4V
190
Line Regulation
IOUT
=
1mA,
VIN = (VOUT + 0.5V) to 6.5V
(7)
0.005
0.08
%/V
Load Regulation
IOUT
=
1mA
to
250mA,
VIN = VOUT + 0.5V
(7)
0.001
0.02
%/mA
PSRR
VIN > VOUT +0.5V, COUT = 2.2μF,
VIN(AC) = 100mV, f = 1kHz
70
dB
VIN > VOUT + 0.5V, COUT = 2.2μF,
VIN(AC) = 100mV, f = 1MHz
30
dB
Output Voltage Noise
f = 1kHz, CFB > 0.1μF, IOUT = 1mA
300
nV/√Hz
EN Input High Voltage
1.5
V
EN Input Low Voltage
0.4
V
EN Input Bias Current
VEN = 0V, 5V
0.01
1
μA
Thermal Protection
155
C
Thermal Protection Hysteresis
30
C
Notes:
5) Parameter is guaranteed by design, not production tested.
6) Dropout Voltage is defined as the input to output differential when the output voltage drops 1% below its normal value.
7) VIN = 2.7V for VOUT = 1.25V to 2.2V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com