Electronic Components Datasheet Search
  English  ▼

X  

MP8902 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8902
Description  Low Dropout 250mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8902 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8902 Datasheet HTML 1Page - Monolithic Power Systems MP8902 Datasheet HTML 2Page - Monolithic Power Systems MP8902 Datasheet HTML 3Page - Monolithic Power Systems MP8902 Datasheet HTML 4Page - Monolithic Power Systems MP8902 Datasheet HTML 5Page - Monolithic Power Systems MP8902 Datasheet HTML 6Page - Monolithic Power Systems MP8902 Datasheet HTML 7Page - Monolithic Power Systems MP8902 Datasheet HTML 8Page - Monolithic Power Systems MP8902 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP8902
Low Dropout
250mA Linear Regulator
MP8902 Rev. 1.0
www.MonolithicPower.com
1
9/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP8902 is a low-noise, low-dropout linear
regulator. It operates from 2.7V to 6.5V input
voltage, and regulates the output voltage with
2% accuracy at 2.5V, 3.3V, or from 1.25V to 5V.
The MP8902 can supply up to 250mA of load
current. The MP8902 features thermal overload
protection. It is available in a 2mm x 2mm 8-pin
QFN package.
FIXED VOLTAGE PART NUMBERS
Part Number
Output Voltage
MP8902DG
–2.5
2.5V
MP8902DG
–3.3
3.3V
FEATURES
 Low 250mV Dropout at 250mA Output
 2% Accurate Output Voltage
 Fixed Output Voltage Options of 2.5V or
3.3V
 Adjustable Output Voltage Option from
1.25V to 5V using an External Resistor
Divider
 Up to 6.5V Input Voltage
 High PSRR
o 70dB at 1kHz
o 30dB at 1MHz
 Better Than 0.001%/mA Load Regulation
 Stable With Low-ESR Output Capacitor
 Low 125μA Ground Current
 Internal Thermal Protection
APPLICATIONS
 802.11 PC Cards
 Mobile Handset PLL Power
 Audio Codec Power
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP8902

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
MP8904 MPS-MP8904 Datasheet
300Kb / 10P
500mA Linear Regulator
MP8904 MPS-MP8904 Datasheet
226Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
MP8904DD MPS-MP8904DD Datasheet
300Kb / 10P
500mA Linear Regulator
More results

Similar Description - MP8902

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
Low Dropout 250mA Linear Regulator
logo
Eorex Corporation
EP1202 EOREX-EP1202 Datasheet
385Kb / 8P
250mA Ultra Low Dropout Linear Regulator
EP1201 EOREX-EP1201 Datasheet
386Kb / 8P
250mA Ultra Low Dropout Linear Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
250mA Low-Dropout Regulator
logo
Eorex Corporation
EP1201 EOREX-EP1201_15 Datasheet
392Kb / 8P
250mA Ultra Low Dropout Linear Regulator
EP1202 EOREX-EP1202_15 Datasheet
391Kb / 8P
250mA Ultra Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com