Electronic Components Datasheet Search
  English  ▼

X  

MP8902 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8902
Description  Low Dropout 250mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8902 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8902 Datasheet HTML 1Page - Monolithic Power Systems MP8902 Datasheet HTML 2Page - Monolithic Power Systems MP8902 Datasheet HTML 3Page - Monolithic Power Systems MP8902 Datasheet HTML 4Page - Monolithic Power Systems MP8902 Datasheet HTML 5Page - Monolithic Power Systems MP8902 Datasheet HTML 6Page - Monolithic Power Systems MP8902 Datasheet HTML 7Page - Monolithic Power Systems MP8902 Datasheet HTML 8Page - Monolithic Power Systems MP8902 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP8902
– LOW DROPOUT, 250mA LINEAR REGULATOR
MP8902 Rev. 1.0
www.MonolithicPower.com
5
9/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2
OUT
Regulator Output. OUT is the output of the linear regulator. Bypass OUT to GND with a 1
μF
or greater capacitor.
3
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the output
voltage. OUT feedback threshold is 1.222V.
4
GND,
Exposed
Pad
The exposed pad and GND pin must be connected to the same ground plane.
5
EN
Enable Input. Drive EN high to turn on the MP8902, drive EN low to turn it off. For automatic
startup, connect EN to IN.
6
NC
No Connect.
7, 8
IN
Power Source Input. IN supplies the internal power to the MP8902 and is the source of the
pass transistor. Bypass IN to GND with a 1
μF or greater capacitor.
OPERATION
The
MP8902
is
a
low-current,
low-noise,
high-PSRR, low-dropout, linear regulator. It is
intended for use in devices that require very low
noise power supplies and high-PSRR such as
PLL VCO supplies for mobile handsets and
802.11 PC Cards, as well as audio codecs and
microphones. The MP8902 uses a PMOS pass
element and features internal thermal shutdown.
As shown in Figures 1 and 2, optional feed-
forward capacitor CBYP may be added between
FB and OUT pins for an improved transient
response.
Figure 1
—Ultra-Low-Noise Fixed Output Regulator
Figure 2
—Ultra-Low-Noise Adjustable Regulator: V
OUT = VFB(1+(R1/R2))



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com