Electronic Components Datasheet Search
  English  ▼

X  

MP8902 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8902
Description  Low Dropout 250mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8902 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP8902 Datasheet HTML 1Page - Monolithic Power Systems MP8902 Datasheet HTML 2Page - Monolithic Power Systems MP8902 Datasheet HTML 3Page - Monolithic Power Systems MP8902 Datasheet HTML 4Page - Monolithic Power Systems MP8902 Datasheet HTML 5Page - Monolithic Power Systems MP8902 Datasheet HTML 6Page - Monolithic Power Systems MP8902 Datasheet HTML 7Page - Monolithic Power Systems MP8902 Datasheet HTML 8Page - Monolithic Power Systems MP8902 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP8902
– LOW DROPOUT, 250mA LINEAR REGULATOR
MP8902 Rev. 1.0
www.MonolithicPower.com
6
9/4/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
SETTING THE OUTPUT VOLTAGE
The fixed output voltage of the MP8902DG is set
to 2.5V or 3.3V, depending on the internal
resistor divider (Figure 1). You can also adjust
the output voltage by using an external resistor
divider (R1 and R2 in Figure 2). However, the
sum of R1 and R2 should not exceed 100kΩ to
minimize the impact of the internal resistor
divider. For accurate output-voltage setting, it is
suggested to use 10kΩ (
1%) for the low-side
resistor R2 of the voltage divider, the high side
resistor R1 can be determined by the equation:


FB
FB
OUT
V
V
V
2
R
1
R
Where VFB is the OUT feedback threshold
voltage equal to 1.222V.
Example: For 2.5V Output
k
41
.
10
k
10
V
222
.
1
V
222
.
1
V
5
.
2
1
R
You can select a standard 10.5kΩ (
1%)
resistor for R1.
The following table lists the selected R1 values
for some typical output voltages:
Table 1
—Adjustable Output Voltage R1 Values
VOUT (V)
R1 (
Ω)
1.25
232
1.5
2.26k
1.8
4.75k
2
6.34k
2.5
10.5k
2.8
13k
3
14.7k
3.3
16.9k
4
22.6k
5
30.9k
In Figures 3 and 4, C2 is added for an improved
transient response.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com