Electronic Components Datasheet Search
  English  ▼

X  

MP20056 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP20056
Description  Low-Noise, High-PSRR, 250mA Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20056 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP20056 Datasheet HTML 1Page - Monolithic Power Systems MP20056 Datasheet HTML 2Page - Monolithic Power Systems MP20056 Datasheet HTML 3Page - Monolithic Power Systems MP20056 Datasheet HTML 4Page - Monolithic Power Systems MP20056 Datasheet HTML 5Page - Monolithic Power Systems MP20056 Datasheet HTML 6Page - Monolithic Power Systems MP20056 Datasheet HTML 7Page - Monolithic Power Systems MP20056 Datasheet HTML 8Page - Monolithic Power Systems MP20056 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP20056 – LOW-NOISE, HIGH-PSRR, 250mA LINEAR REGULATOR
MP20056 Rev.1.1
www.MonolithicPower.com
3
12/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TOP MARKING (MP20056GJ-25)
ALA: product code of MP20056GJ-25;
Y: year code;
PACKAGE REFERENCE
TOP VIEW
GND
EN
IN
IN
1
2
3
4
FB
NC
OUT
OUT
8
7
6
5
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
TOP VIEW
IN
GND
EN
1
2
3
5
4
OUT
FB
QFN8 (2 x 2mm)
TSOT23-5
ABSOLUTE MAXIMUM RATINGS
(1)
VIN, EN, FB to GND .......................-0.3V to +6V
OUT to GND ...................... -0.5V to (VIN + 0.5V)
Continuous Power Dissipation ......(TA=25°C)
(2)
QFN8 (2x2mm)................................................1.6W
TSOT23-5 ..................................................... 0.57W
Junction Temperature...............................150°C
Storage Temperature Range ..... -65°C to 150°C
Lead Temperature (Soldering, 10sec)...........260°C
ESD SUSCEPTIBILITY
(3)
HBM (Human Body Mode).......................... 2kV
MM (Machine Mode) ................................. 200V
Recommended Operating Conditions
(4)
Supply Input Voltage.......................2.5V to 5.5V
Enable Input Voltage .........................0V to 5.5V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN-8 (2mmx2mm) ................80 ...... 16 ... °C/W
TSOT23-5 ..............................220 .... 110 .. °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Devices
are
ESD
sensitive.
Handling
precaution
recommended.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com