Electronic Components Datasheet Search
  English  ▼

X  

MP20056 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP20056
Description  Low-Noise, High-PSRR, 250mA Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20056 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP20056 Datasheet HTML 1Page - Monolithic Power Systems MP20056 Datasheet HTML 2Page - Monolithic Power Systems MP20056 Datasheet HTML 3Page - Monolithic Power Systems MP20056 Datasheet HTML 4Page - Monolithic Power Systems MP20056 Datasheet HTML 5Page - Monolithic Power Systems MP20056 Datasheet HTML 6Page - Monolithic Power Systems MP20056 Datasheet HTML 7Page - Monolithic Power Systems MP20056 Datasheet HTML 8Page - Monolithic Power Systems MP20056 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP20056
Low-Noise, High-PSRR, 250mA
Linear Regulator
MP20056 Rev.1.1
www.MonolithicPower.com
1
12/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP20056 is a low-dropout linear regulator
that supplies up to 250mA current with a 100mV
dropout voltage and can operate from 2.5V to
5.5V input. The output voltage is preset at 1.8V,
2.5V or 3.3V for the two different packages. An
external resistor divider can adjust the output
voltage from 0.8V to 5V.
An internal PMOS pass element allows for a low
150μA ground current, making the MP20056
suitable for battery-powered devices. Other
features include low-power shutdown, short-
circuit protection, and thermal protection. The
MP20056 is available in a 2mm×2mm 8-pin QFN
and a 5-pin TSOT23-5 packages.
FEATURES
 Up to 250mA Output Current
 Low 100mV Dropout at 250mA
 Low 150μA Ground Current
 Low Noise: 13μVRMS typical (10Hz to 100kHz)
 63dB PSRR @1kHz
 Stable with Ceramic Capacitor
 Excellent Load/Line Transient Response
 Current Limiting and Thermal Protection
 Fixed output voltage 1.8V and 3.3V.
 Adjustable Output Voltage from 0.8V to 5V
Using an External Resistor Divider
APPLICATIONS
 Notebook Computers
 Cordless Phones
 Cellular Phones
 Wireless Communication Equipment
 Hand-Held Instruments
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP20056

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20056-G-1.8 MPS-MP20056-G-1.8 Datasheet
544Kb / 6P
Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
MP20056-J-33 MPS-MP20056-J-33 Datasheet
517Kb / 6P
Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
MP20056GJ MPS-MP20056GJ Datasheet
680Kb / 16P
Low-Noise, High-PSRR, 250mA Linear Regulator
Rev.1.12
More results

Similar Description - MP20056

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401 TI1-TPS73401 Datasheet
739Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI1-TPS73433-Q1 Datasheet
569Kb / 13P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX_14 Datasheet
1Mb / 21P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI-TPS73433-Q1_15 Datasheet
575Kb / 15P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX_16 Datasheet
1Mb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
logo
Monolithic Power System...
MPQ20056 MPS-MPQ20056 Datasheet
1Mb / 16P
Low-Noise, High-PSRR, 250mA Linear Regulator AEC-Q100 Qualified
MPQ20056-AEC1 MPS-MPQ20056-AEC1 Datasheet
855Kb / 14P
Low-Noise, High-PSRR, 250mA Linear Regulator AEC-Q100 Qualified
logo
Texas Instruments
TPS734XX TI-TPS734XX_V01 Datasheet
1Mb / 23P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com