Electronic Components Datasheet Search
  English  ▼

X  

MP20056 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP20056
Description  Low-Noise, High-PSRR, 250mA Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20056 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP20056 Datasheet HTML 1Page - Monolithic Power Systems MP20056 Datasheet HTML 2Page - Monolithic Power Systems MP20056 Datasheet HTML 3Page - Monolithic Power Systems MP20056 Datasheet HTML 4Page - Monolithic Power Systems MP20056 Datasheet HTML 5Page - Monolithic Power Systems MP20056 Datasheet HTML 6Page - Monolithic Power Systems MP20056 Datasheet HTML 7Page - Monolithic Power Systems MP20056 Datasheet HTML 8Page - Monolithic Power Systems MP20056 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP20056 – LOW-NOISE, HIGH-PSRR, 250mA LINEAR REGULATOR
MP20056 Rev.1.1
www.MonolithicPower.com
5
12/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
QFN-8
(2mmx2mm)
Pin #
TSOT23-5
Name
Pin Function
1,
Exposed
Pad
2
GND
Ground. Connect exposed pad to GND plane for optimal thermal
performance.
2
3
EN
Regulator Enable Control Input. Drive EN above 1.5V to turn on the
MP20056. Drive EN below 0.4V to turn it off. Do not float the EN pin.
3, 4
1
VIN
Regulator Input. Supply voltage ranges from 2.5V to 5.5V. Bypass with a
2.2μF capacitor. These pins must be externally connected for proper
operation even if they are internally connected.
5, 6
5
VOUT
Regulator Output. Bypass with a standard 4.7μF ceramic capacitor to GND.
Connect all the pins together externally.
7
NC
No Connection. Leave this NC pin open.
8
4
FB
Feedback Input. Connect FB to the center point of the external resistor
divider. The feedback threshold voltage is 0.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com