Electronic Components Datasheet Search
  English  ▼

X  

MP20056 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20056
Description  Low-Noise, High-PSRR, 250mA Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20056 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20056 Datasheet HTML 1Page - Monolithic Power Systems MP20056 Datasheet HTML 2Page - Monolithic Power Systems MP20056 Datasheet HTML 3Page - Monolithic Power Systems MP20056 Datasheet HTML 4Page - Monolithic Power Systems MP20056 Datasheet HTML 5Page - Monolithic Power Systems MP20056 Datasheet HTML 6Page - Monolithic Power Systems MP20056 Datasheet HTML 7Page - Monolithic Power Systems MP20056 Datasheet HTML 8Page - Monolithic Power Systems MP20056 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP20056 – LOW-NOISE, HIGH-PSRR, 250mA LINEAR REGULATOR
MP20056 Rev.1.1
www.MonolithicPower.com
4
12/17/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=VOUT+0.5V or VIN=2.5V, EN=VIN, VOUT =1.8V or 3.3V. Typical values are at Tj=25°C, unless
otherwise specified.
Parameter
Condition
Min
Typ
Max
Units
Input Voltage
2.5
5.5
V
Input
Under-Voltage
Lockout
VIN rising, VOUT=1.8V
1.95
2.3
V
Hysteresis of UVLO
160
mV
FB Voltage
VOUT=0.8V, IOUT=1mA, Tj=25°C
0.784
0.8
0.816
V
Output Voltage Accuracy
IOUT=1mA, TJ=25°C
-2
2
%
Maximum Output Current
Continuous
250
mA
Short-Circuit Current Limit
VOUT=0, VIN≥2.5V
350
550
850
mA
In-Regulation Current Limit
VOUT within 4% of normal output voltage
VIN=5.5V
300
550
800
mA
IOUT=0.1mA
150
250
Ground Current
IOUT=250mA
220
330
μA
Dropout Voltage
(6)
IOUT=250mA, VOUT=3.3V, TJ=25°C
100
150
mV
Line Regulation
(7)
VIN from VOUT+0.5V or 2.5V to 5.5V,
IOUT=100mA,
-0.15
0.15
%/V
VOUT=1.8V, 3.3V
-0.3
0.3
Load Regulation
(8)
IOUT from 100mA to
250mA
VOUT=2.5V
-0.4
0.4
%
VOUT=1.8V
20
VOUT=3.3V
35
Output-Voltage Noise
(9)
IOUT=100mA, f ranges
from 10Hz to 100kHz
VOUT=5V
55
μVRMS
f=100Hz
65
f=1kHz
63
f=10kHz
63
PSRR
(9)
VOUT = 1.8V, 2.5V,
3.3V
IOUT = 250mA
f=1MHz
33
dB
Shutdown Supply Current
VIN=+5.5V, TJ=25°C
0.1
0.3
μA
EN Pin Current , Enabled
VIN=VEN=+5.5V
0.1
0.3
μA
VOUT=1.8V
100
300
Startup Time
COUT=4.7μF,
VOUT=10% to
90%VOUT(NOM)
VOUT=3.3V, 2.5V
100
450
μs
EN Logic High
1.5
EN PIN Threshold
EN Logic Low
0.4
V
Thermal Shutdown
(9)
150
°C
Thermal
Shutdown
Hysteresis
(9)
20
°C
Notes:
6) Dropout Voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.
7) Line Regulation=

IN(MAX )
IN(MIN)
OUT V
OUT V
IN(MIN)
OUT(NOM)
IN MAX
VV
(% / V)
VV
V





8) Load Regulation=

OUT (MAX )
OUT (MIN)
OUT I
OUT I
OUT NOM
VV
(%)
V


9) Design guarantee, no test in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com