Electronic Components Datasheet Search
  English  ▼

X  

SIT2018B Datasheet(PDF) 5 Page - SiTime Corp.

Part # SIT2018B
Description  High Temp, Single-Chip, One-Output Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2018B Datasheet(HTML) 5 Page - SiTime Corp.

  SIT2018B Datasheet HTML 1Page - SiTime Corp. SIT2018B Datasheet HTML 2Page - SiTime Corp. SIT2018B Datasheet HTML 3Page - SiTime Corp. SIT2018B Datasheet HTML 4Page - SiTime Corp. SIT2018B Datasheet HTML 5Page - SiTime Corp. SIT2018B Datasheet HTML 6Page - SiTime Corp. SIT2018B Datasheet HTML 7Page - SiTime Corp. SIT2018B Datasheet HTML 8Page - SiTime Corp. SIT2018B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT2018B
High Temp, Single-Chip, One-Output Clock Generator
Rev. 1.0
Page 5 of 12
www.sitime.com
Performance Plots[8]
Figure 8. Idd vs Frequency
Figure 9. Frequency vs Temperature
Figure 10. RMS Period Jitter vs Frequency
Figure 11. Duty Cycle vs Frequency
Figure 12. 20%-80% Rise Time vs Temperature
Figure 13. 20%-80% Fall Time vs Temperature
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
20
406080
100
1.8 V
2.5 V
2.8 V
3 V
3.3 V
Frequency (MHz)
-25
-20
-15
-10
-5
0
5
10
15
20
25
‐55
‐35
‐15
5
254565
85
105
125
DUT1
DUT2
DUT3
DUT4
DUT5
DUT6
DUT7
DUT8
DUT9
DUT10
DUT11
DUT12
DUT13
DUT14
DUT15
DUT16
DUT17
DUT18
DUT19
DUT20
Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
204060
80
100
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Frequency (MHz)
45
46
47
48
49
50
51
52
53
54
55
0
20406080
100
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Frequency (MHz)
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20406080
100
120
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com