Electronic Components Datasheet Search
  English  ▼

X  

SIT2018B Datasheet(PDF) 10 Page - SiTime Corp.

Part # SIT2018B
Description  High Temp, Single-Chip, One-Output Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2018B Datasheet(HTML) 10 Page - SiTime Corp.

Back Button SIT2018B Datasheet HTML 6Page - SiTime Corp. SIT2018B Datasheet HTML 7Page - SiTime Corp. SIT2018B Datasheet HTML 8Page - SiTime Corp. SIT2018B Datasheet HTML 9Page - SiTime Corp. SIT2018B Datasheet HTML 10Page - SiTime Corp. SIT2018B Datasheet HTML 11Page - SiTime Corp. SIT2018B Datasheet HTML 12Page - SiTime Corp. SIT2018B Datasheet HTML 13Page - SiTime Corp. SIT2018B Datasheet HTML 14Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT2018B
High Temp, Single-Chip, One-Output Clock Generator
Rev. 1.0
Page 10 of 12
www.sitime.com
Notes:
10.Top marking: Y denotes manufacturing origin and XXXX denotes manufacturing lot number. The value of “Y” will depend on the assembly location of the device.
11. A capacitor value of 0.1 µF between Vdd and GND is required
Dimensions and Patterns
Package Size – Dimensions (Unit: mm)[10]
Recommended Land Pattern (Unit: mm)[11]
2.90 x 2.80 mm SOT23-5
Table 13. Dimension Table
Symbol
Min.
Nom.
Max.
A
0.90
1.25
1.45
A1
0.00
0.05
0.15
A2
0.90
1.10
1.30
b
0.35
0.40
0.50
c
0.08
0.15
0.20
D
2.80
2.90
3.00
E
2.60
2.80
3.00
E1
1.50
1.625
1.75
L
0.35
0.45
0.60
L1
0.60 REF
e
0.95 BSC.
e1
1.90 BSC.
0°
2.5°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com