Electronic Components Datasheet Search
  English  ▼

X  

SIT2018B Datasheet(PDF) 11 Page - SiTime Corp.

Part # SIT2018B
Description  High Temp, Single-Chip, One-Output Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2018B Datasheet(HTML) 11 Page - SiTime Corp.

Back Button SIT2018B Datasheet HTML 7Page - SiTime Corp. SIT2018B Datasheet HTML 8Page - SiTime Corp. SIT2018B Datasheet HTML 9Page - SiTime Corp. SIT2018B Datasheet HTML 10Page - SiTime Corp. SIT2018B Datasheet HTML 11Page - SiTime Corp. SIT2018B Datasheet HTML 12Page - SiTime Corp. SIT2018B Datasheet HTML 13Page - SiTime Corp. SIT2018B Datasheet HTML 14Page - SiTime Corp. SIT2018B Datasheet HTML 15Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT2018B
High Temp, Single-Chip, One-Output Clock Generator
Rev. 1.0
Page 11 of 12
www.sitime.com
Ordering Information
The Part No. Guide is for reference only. To customize and build an exact part number, use the SiTime Part Number
Generator.
Notes:
12. Any frequency within the min and max values in the above table are supported with 6 decimal places of accuracy.
13. Please contact SiTime for frequencies that are not listed in the tables above.
Table 14. List of Supported Frequencies[12, 13]
Frequency Range
(-40 to +105
°C or -40 to +125°C)
Min.
Max.
1.000000 MHz
61.222999 MHz
61.674001 MHz
69.795999 MHz
70.485001 MHz
79.062999 MHz
79.162001 MHz
81.427999 MHz
82.232001 MHz
91.833999 MHz
92.155001 MHz
94.248999 MHz
94.430001 MHz
94.874999 MHz
94.994001 MHz
97.713999 MHz
98.679001 MHz
110.000000 MHz
Frequency
Refer to the Supported
Frequencies Table below
Part Family
“SiT2018”
Revision Letter
“B” is the revision
Temperature Range
Supply Voltage
“18” for 1.8V ±10%
“25” for 2.5V ±10%
“28” for 2.8V ±10%
“33” for 3.3V ±10%
Feature Pin
“E” for Output Enable
“S” for Standby
Frequency Stability
“1” for ±20 ppm
“2” for ±25 ppm
Package Size
SiT2018BA-S2-18E -25.000025D
“3” for ±50 ppm
“30” for 3.0V ±10%
Packing Method
“D”: 8 mm Tape & Reel, 3ku reel
“E”: 8 mm Tape & Reel, 1ku reel
Blank for Bulk
“E” Ext. Industrial -40ºC to 105ºC
“A” Automotive -40ºC to 125ºC
“XX” for 2.5V -10% to 3.3V +10%
Output Drive Strength
“–” Default (datasheet limits)
See Tables 7 to 11 for rise/fall
times
“L”
“A”
“R”
“B”
“T”
“E”
“U”
“F”
“8” for ±30 ppm
“N” for No Connect
“S” SOT23-5 (2.9 x 2.8 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com