Electronic Components Datasheet Search
  English  ▼

X  

SIT2018B Datasheet(PDF) 9 Page - SiTime Corp.

Part # SIT2018B
Description  High Temp, Single-Chip, One-Output Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT2018B Datasheet(HTML) 9 Page - SiTime Corp.

Back Button SIT2018B Datasheet HTML 5Page - SiTime Corp. SIT2018B Datasheet HTML 6Page - SiTime Corp. SIT2018B Datasheet HTML 7Page - SiTime Corp. SIT2018B Datasheet HTML 8Page - SiTime Corp. SIT2018B Datasheet HTML 9Page - SiTime Corp. SIT2018B Datasheet HTML 10Page - SiTime Corp. SIT2018B Datasheet HTML 11Page - SiTime Corp. SIT2018B Datasheet HTML 12Page - SiTime Corp. SIT2018B Datasheet HTML 13Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
The Smart Timing Choice
The Smart Timing Choice
SiT2018B
High Temp, Single-Chip, One-Output Clock Generator
Rev. 1.0
Page 9 of 12
www.sitime.com
Pin 3 Configuration Options (OE, ST, or NC)
Pin 3 of the SiT2018 can be factory-programmed to support
three modes: Output Enable (OE), standby (ST) or No
Connect (NC).
Output Enable (OE) Mode
In the OE mode, applying logic Low to the OE pin only disables
the output driver and puts it in Hi-Z mode. The core of the
device continues to operate normally. Power consumption is
reduced due to the inactivity of the output. When the OE pin is
pulled High, the output is typically enabled in <1µs.
Standby (ST) Mode
In the ST mode, a device enters into the standby mode when
Pin 3 pulled Low. All internal circuits of the device are turned
off. The current is reduced to a standby current, typically in the
range of a few µA. When ST is pulled High, the device goes
through the “resume” process, which can take up to 5 ms.
No Connect (NC) Mode
In the NC mode, the device always operates in its normal
mode and outputs the specified frequency regardless of the
logic level on pin 3.
Table 12 below summarizes the key relevant parameters in the
operation of the device in OE, ST, or NC mode.
Output on Startup and Resume
The SiT2018 comes with gated output. Its clock output is
accurate to the rated frequency stability within the first pulse
from initial device startup or resume from the standby mode.
In addition, the SiT2018 supports “no runt” pulses, and “no
glitch” output during startup or resume as shown in the
waveform captures in Figure 17 and Figure 18.
Figure 17. Startup Waveform vs. Vdd
Figure 18. Startup Waveform vs. Vdd
(Zoomed-in View of Figure 17)
Table 12. OE vs. ST vs. NC
OE
ST
NC
Active current 20 MHz (max, 1.8V)
4.5 mA
4.5 mA
4.5 mA
OE disable current (max. 1.8V)
4.3 mA
N/A
N/A
Standby current (typical 1.8V)
N/A
0.6 uA
N/A
OE enable time at 110 MHz (max)
130 ns
N/A
N/A
Resume time from standby
(max, all frequency)
N/A
5 ms
N/A
Output driver in OE disable/standby mode
High Z
weak
pull-down
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com