Electronic Components Datasheet Search
  English  ▼

X  

COP413C Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP413C
Description  Single-Chip CMOS Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP413C Datasheet(HTML) 3 Page - National Semiconductor (TI)

  COP413C Datasheet HTML 1Page - National Semiconductor (TI) COP413C Datasheet HTML 2Page - National Semiconductor (TI) COP413C Datasheet HTML 3Page - National Semiconductor (TI) COP413C Datasheet HTML 4Page - National Semiconductor (TI) COP413C Datasheet HTML 5Page - National Semiconductor (TI) COP413C Datasheet HTML 6Page - National Semiconductor (TI) COP413C Datasheet HTML 7Page - National Semiconductor (TI) COP413C Datasheet HTML 8Page - National Semiconductor (TI) COP413C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
COP413CCOP413CH
AC Electrical Characteristics 0 C s TA s 70 C unless otherwise specified
Parameter
Conditions
COP413C
COP413CH
Units
Min
Max
Min
Max
Instruction Cycle Time
16
DC
4
DC
m
s
Operating CKI Frequency
d
8 Mode
DC
500
DC
2000
kHz
Instruction Cycle Time
R e 30k g5% VCC e 5V
8
16
m
s
RC Oscillator d 4C e 82 pF g 5%
Instruction Cycle Time
R e 56k g5% VCC e 5V
16
32
16
32
m
s
RC Oscillator d 4 (Note 6)
C e 100 pF g 5%
Duty Cycle (Note 5)
Fi e Max freq ext clk
40
60
40
60
%
Rise Time (Note 5)
Fi e Max freq ext clk
60
60
ns
Fall Time (Note 5)
Fi e Max freq ext clk
40
40
ns
Inputs (See
Figure 3 )
tSETUP
G Inputs
tc4 a 28
tc4 a 07
m
s
SI Input
12
03
m
s
L Inputs
68
17
m
s
tHOLD
10
025
m
s
Output Propagation
VOUT e 15 CL e 100 pF
Delay
RL e 5k
tPD1 tPD0
40
10
m
s
Note 1
Supply current is measured after running for 2000 cycle times with a square-wave clock on CKI CKO open and all other pins pulled to VCC with 5k
resistors
Note 2
The Halt mode will stop CKI from oscillating
Note 3
SO output sink current must be limited to keep VOL less tha 02 VCC when part is running in order to prevent entering test mode
Note 4
Voltage change must be less than 05V ina1ms period
Note 5
This parameter is only sampled and not 100% tested
Note 6
Variation due to the device included
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com