Electronic Components Datasheet Search
  English  ▼

X  

COP413C Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP413C
Description  Single-Chip CMOS Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP413C Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button COP413C Datasheet HTML 8Page - National Semiconductor (TI) COP413C Datasheet HTML 9Page - National Semiconductor (TI) COP413C Datasheet HTML 10Page - National Semiconductor (TI) COP413C Datasheet HTML 11Page - National Semiconductor (TI) COP413C Datasheet HTML 12Page - National Semiconductor (TI) COP413C Datasheet HTML 13Page - National Semiconductor (TI) COP413C Datasheet HTML 14Page - National Semiconductor (TI) COP413C Datasheet HTML 15Page - National Semiconductor (TI) COP413C Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Description of Selected Instructions
The following information is provided to assist the user in
understanding the operation of several unique instructions
and to provide notes useful to programmers in writing
COP413C programs
XAS INSTRUCTION
XAS (Exchange A with SIO) exchanges the 4-bit contents of
the accumulator with the 4-bit contents of the SIO register
The contents of SIO will contain serial-inserial-out shift reg-
ister or binary counter data depending on the value of the
EN register An XAS instruction will also affect the SK out-
put (See Functional Description EN Register) If SIO is se-
lected as a shift register an XAS instruction must be per-
formed once every four instruction cycle times to effect a
continuous data stream
JID INSTRUCTION
JID (Jump Indirect) is an indirect addressing instruction
transferring program control to a new ROM location pointed
to indirectly by A and M It loads the lower eight bits of the
ROM address register PC with the contents of ROM ad-
dressed by the 9-bit word PC8 A M PC8 is not affected by
this instruction
Note
JID uses two instruction cycles if executed one if skipped
LQID INSTRUCTION
LQID (Load Q Indirect) loads the 8-bit Q register with the
contents of ROM pointed to by the 9-bit word PC8 A M
LQID can be used for table look-up or code conversion such
as BCD to 7-segment The LQID instruction ‘‘pushes’’ the
stack (PC a 1
x SA x SB) and replaces the least
significant eight bits of the PC as follows A
x PC74
RAM(B)
x PC30 leaving PC8 unchanged The ROM data
pointed to by the new address is fetched and loaded into
the Q latches Next the stack is ‘‘popped’’ (SB
x SA x
PC) restoring the saved value of the PC to continue se-
quential program execution Since LQID pushes SA
x
SB the previous contents of SB are lost
Note
LQID uses two instruction cycles if executed one if skipped
INSTRUCTION SET NOTES
a The first word of a COP413C program (ROM address 0)
must be a CLRA (Clear A) instruction
b Although skipped instructions are not executed one in-
struction cycle time is devoted to skipping each byte of
the skipped instruction Thus all program paths take the
same number of cycle times whether instructions are
skipped or executed (except JID and LQID)
c The ROM is organized into eight pages of 64 words each
The program counter is a 9-bit binary counter and will
count through page boundaries If a JP JSRP JID or
LQID instruction is located in the last word of a page the
instruction operates as if it were in the next page For
example A JP located in the last word of a page will jump
to a location in the next page Also a LQID or JID located
in the last word in page 3 or 7 will access data in the next
group of four pages
COPS Programming Manual
For detailed information on writing COPS programs the
COPS Programming Manual 424410284-001 provides an in-
depth discussion of the COPS architecture instruction set
and general techniques of COPS programming This manual
is written with the programmer in mind
OPTION LISTOSCILLATOR SELECTION
The oscillator option selected must be sent in with the
EPROM of ROM Code for masking into the COP413C Se-
lect the appropriate option make a photocopy of the table
and send it with the EPROM
COP413CCOP313C
Option 1 Oscillator selection
e
0 Ceramic Resonator input frequency divided by 8
CKO is oscillator output
e
1 Single pin RC controlled oscillator divided by 4 CKO
is no connection
Note
The following option information is to be sent to Na-
tional along with the EPROM
Option 1 Value e
is Oscillator Selected
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com