Electronic Components Datasheet Search
  English  ▼

X  

MP2019 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2019
Description  40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2019 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2019 Datasheet HTML 1Page - Monolithic Power Systems MP2019 Datasheet HTML 2Page - Monolithic Power Systems MP2019 Datasheet HTML 3Page - Monolithic Power Systems MP2019 Datasheet HTML 4Page - Monolithic Power Systems MP2019 Datasheet HTML 5Page - Monolithic Power Systems MP2019 Datasheet HTML 6Page - Monolithic Power Systems MP2019 Datasheet HTML 7Page - Monolithic Power Systems MP2019 Datasheet HTML 8Page - Monolithic Power Systems MP2019 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP2019 - 40V, 300mA, LOW QUIESCENT-CURRENT LINEAR REGULATOR
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2019 Rev. 1.01
www.MonolithicPower.com
5
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = VEN = 13.5V, TJ =+25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Load Regulation
MP2019GN
ILOAD = 5mA to 300mA,
VOUT = 5V
1
15
mV
MP2019GN-33
ILOAD = 5mA to 300mA,
VOUT = 3.3V
1
15
MP2019GN-5
ILOAD = 5mA to 300mA,
VOUT = 5V
1
15
Output Voltage PSRR
(7)
100Hz, COUT = 10μF, ILOAD=10mA
57
dB
1kHz, COUT = 10μF, ILOAD=10mA
45
dB
100kHz, COUT = 10μF, ILOAD=10mA
51
dB
Start-Up Response Time
MP2019GN
RLOAD=500Ω, VOUT = 5V,
COUT=22µF, VOUT from
10% to 90%
0.9
1.5
ms
MP2019GN-33
RLOAD=500Ω,VOUT=3.3V,
COUT=22µF, VOUT from
10% to 90%
0.5
1
MP2019GN-5
RLOAD=500Ω,VOUT=5V,
COUT=22µF, VOUT from
10% to 90%
0.9
1.5
EN Threshold Voltage
VIL
0.3
V
VIH
1.8
V
EN Input Current
EN = 0V or 15V
0.1
0.5
μA
PG Rising Threshold
MP2019GN
89%
93%
97%
VFB
MP2019GN-33
88%
92%
96%
MP2019GN-5
88%
92%
96%
PG
Rising
Threshold
Hysteresis
5%
VFB
PG Low Voltage
Sink 1mA Current
0.1
0.4
V
PG Leakage Current
VPG=5V
1
µA
PGDL Charging Current
VPGDL=1V
3
5.5
9
µA
PGDL Rising Threshold
1.4
1.7
2
V
PGDL Falling Threshold
0.2
0.4
0.7
V
PG Delay Time
CPGDL=47nF
5
10
15
ms
PG Reaction Time
CPGDL=47nF
0.5
2
µs
Thermal Shutdown
(7)
TSD
165
C
Thermal
Shutdown
Hysteresis
(7)
ΔTSD
30
C
Notes:
6)
Dropout Voltage: Measured when the output voltage VOUT has dropped 100mV from the nominal value obtained at VIN=13.5V.
7)
Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com