Electronic Components Datasheet Search
  English  ▼

X  

MP2019 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2019
Description  40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2019 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2019 Datasheet HTML 7Page - Monolithic Power Systems MP2019 Datasheet HTML 8Page - Monolithic Power Systems MP2019 Datasheet HTML 9Page - Monolithic Power Systems MP2019 Datasheet HTML 10Page - Monolithic Power Systems MP2019 Datasheet HTML 11Page - Monolithic Power Systems MP2019 Datasheet HTML 12Page - Monolithic Power Systems MP2019 Datasheet HTML 13Page - Monolithic Power Systems MP2019 Datasheet HTML 14Page - Monolithic Power Systems MP2019 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP2019 - 40V, 300mA, LOW QUIESCENT-CURRENT LINEAR REGULATOR
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP2019 Rev. 1.01
www.MonolithicPower.com
11
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP2019 is a linear regulator that supplies
power to systems with high-voltage batteries. It
includes a wide 3V to 40V input range, low
dropout voltage, and a low quiescent-supply
current (see Fig. 1).
The MP2019 provides a wide variety of fixed
output-voltage options: 1.8V, 1.9V, 2.3V, 2.5V,
3.0V, 3.3V, 3.45V, and 5.0V; also, it provides the
output-adjustable option (from 1.25V to 15V).
The output-adjustable version has an output that
is adjustable from 1.25V to 15V with a simple
resistor
divider.
It
uses
external
feedback,
allowing the user to set the output voltage with an
external resistor divider. The FB threshold is
1.25V, typically.
The IC enters shutdown mode when EN is low. In
shutdown mode, the pass transistor, control
circuitry, reference, and all biases turn off; this
reduces the supply current to <1µA. Connect EN
to VIN for automatic start-up.
The regulator output current is limited internally,
and the device is protected against short-circuit,
over-load, and over-temperature conditions (see
Fig. 2).
The peak output current is limited to around
1000mA,
which
exceeds
the
300mA
recommended continuous output current.
When the junction temperature is too high, the
thermal sensor sends a signal to the control logic
which shuts down the IC. The IC will re-start
when the temperature has cooled sufficiently.
The maximum power output current is a function
of the package’s maximum power dissipation for
a given temperature.
The maximum power dissipation is dependent on
the thermal resistance of the case and the circuit
board, the temperature difference between the
die junction and the ambient air, and the rate of
air flow. GND and the exposed pad must be
connected to the ground plane for proper
dissipation.
MP2019 has one power good (PG) pin. The PG
pin is the open drain of an internal MOSFET. It
should be connected to VOUT or external voltage
source(<15V) through a resistor (i.e. 100kohm).
After the VFB reaches 93% of nominal value, the
MOSFET turns off and PG pin is pulled to high by
VOUT or external voltage source. When the VFB
drops to 88% of nominal value, the PG voltage is
pulled to GND.
There is a delay time when PG asserts high. The
delay time can be programmed by adding a
capacitor on PGDL. To select a capacitor for
PGDL, use below equation:
PGDL
PGDL
PGDL
th_PGDL
t
(ms) I
( A)
C
(nF)
V
(V)
Where tPGDL is the desired delay time for PG
asserts high, IPGDL is the PGDL charging current
and Vth_PGDL is 1.7V.
Figure 2 shows the power good timing.
UVLO
Vreference
EA
VIN
EN
VOUT
FB
GND
PG
PG
PGDL
For Fixed Output
Version Only
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com