Electronic Components Datasheet Search
  English  ▼

X  

MP2019 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2019
Description  40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2019 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2019 Datasheet HTML 8Page - Monolithic Power Systems MP2019 Datasheet HTML 9Page - Monolithic Power Systems MP2019 Datasheet HTML 10Page - Monolithic Power Systems MP2019 Datasheet HTML 11Page - Monolithic Power Systems MP2019 Datasheet HTML 12Page - Monolithic Power Systems MP2019 Datasheet HTML 13Page - Monolithic Power Systems MP2019 Datasheet HTML 14Page - Monolithic Power Systems MP2019 Datasheet HTML 15Page - Monolithic Power Systems MP2019 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP2019 - 40V, 300mA, LOW QUIESCENT-CURRENT LINEAR REGULATOR
MP2019 Rev. 1.01
www.MonolithicPower.com
14
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
External Reverse Voltage Protection
In some situations, e.g. a backup battery is
connected as MP2019 load, the output voltage
may be held up while the input is either pulled to
ground, pulled to some intermediate voltage or is
floating. Thus, the output voltage is higher than
input voltage. Since the MP2019 PMOS pass
element has a body diode, a current will conduct
from the output to input and is not internally
limited.
It’s possible that the IC will be damaged
by this unlimited reverse current. To avoid this,
it
’s recommended to place an external diode at
input like below.
MP2019
IN
GND
VIN D1
OUT
VOUT
PCB Layout Guidelines
Efficient PCB layout is critical to achieve good
regulation, ripple rejection, transient response,
and thermal performance. It is recommended
highly to duplicate the EVB layout for optimum
performance.
If changes are necessary, refer to Fig. 5 and
follow the guidelines below:
1)
Place input and output bypass ceramic
capacitors close to IN and OUT, respectively.
2)
Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
3)
Connect IN, OUT, and especially, GND,
respectively, to a large copper area to cool
the chip. This improves thermal performance
and long-term reliability.
R1
R2
C3
C1
IN
PGDL
GND
PG
OUT
VIN
VOUT
C2
MP2019
EN
FB
R3
C4
Top Layer
Bottom Layer
Figure 5. Recommended PCB Layout
DESIGN EXAMPLE
Fig. 6 is a design example following
the
application guidelines for VOUT=3.3V with a feed-
forward cap:
R1
R2
C3
C1
IN
PGDL
GND
PG
OUT
VIN
VOUT
1uF
22uF
1.64MΩ
1MΩ
3.3V
C2
2.2nF
MP2019
EN
FB
R3
100KΩ
47nF
C4
Figure 6. Design Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com