Electronic Components Datasheet Search
  English  ▼

X  

MP2019 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2019
Description  40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2019 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2019 Datasheet HTML 1Page - Monolithic Power Systems MP2019 Datasheet HTML 2Page - Monolithic Power Systems MP2019 Datasheet HTML 3Page - Monolithic Power Systems MP2019 Datasheet HTML 4Page - Monolithic Power Systems MP2019 Datasheet HTML 5Page - Monolithic Power Systems MP2019 Datasheet HTML 6Page - Monolithic Power Systems MP2019 Datasheet HTML 7Page - Monolithic Power Systems MP2019 Datasheet HTML 8Page - Monolithic Power Systems MP2019 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2019
40V, 300mA, Low Quiescent Current
Adjustable Output Linear Regulator
MP2019 Rev. 1.01
www.MonolithicPower.com
1
1/10/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2019 is a low-power linear regulator
that supplies power to systems with high-
voltage batteries. It includes a wide 3V to 40V
input range, low-dropout voltage, and a low
quiescent-supply current. The low quiescent
current
and
low
dropout
voltage
allow
operations
at
extremely
low-power
levels.
Therefore, the MP2019 is ideal for low-power
microcontrollers
and
battery-powered
equipment.
The MP2019 provides a wide variety of fixed
output-voltage options (if requested): 1.8V, 1.9V,
2.3V, 2.5V, 3.0V, 3.3V, 3.45V, and 5.0V; also,
it provides the output-adjustable option (from
1.25V to 15V).
The regulator output current is limited internally,
and the device is protected against short-circuit,
over-load, and over-temperature conditions.
The MP2019 includes thermal shutdown (TSD),
current-limiting fault protection, and is available
in a SOIC-8 EP package.
FEATURES
 3V to 40V Input Range
 10µA Quiescent Supply Current
 Stable with Low-Value Output Ceramic
Capacitor (> 0.47
μF)
 300mA Specified Current
 Fixed 5V, 3.3V, and Adjustable Output (1.2
V to 15 V) Versions
 Output ±2% Accuracy Over Temperature
 Specified Current Limit
 Power Good
 Programmable Power Good Delay
 Thermal
Shutdown
and
Short-Circuit
Protection
 -40°C to +125°C Specified Junction-
Temperature Range
 Available in a SOIC-8 EP Package
APPLICATIONS
 Industrial/Automotive Applications
 Portable/Battery-Powered Equipment
 Ultra-Low Power Microcontrollers
 Cellular Handsets
 Medical Imaging
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
IN
OUT
PG
GND
Vout
PGDL
EN
FB
MP2019GN
IN
OUT
PG
GND
Vout
PGDL
EN
FB
MP2019GN
Output-Adjustable Version
Output-Fixed Version


Similar Part No. - MP2019

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
MP2019 ZFSWITCHES-MP2019 Datasheet
346Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
MP201901 ZFSWITCHES-MP201901 Datasheet
346Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
MP201902 ZFSWITCHES-MP201902 Datasheet
346Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
MP201903 ZFSWITCHES-MP201903 Datasheet
346Kb / 2P
Reed based magnetic proximity sensor in plastic flange-mount package
More results

Similar Description - MP2019

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MPQ2019-AEC1 MPS-MPQ2019-AEC1 Datasheet
701Kb / 16P
40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MPQ2019 MPS-MPQ2019 Datasheet
823Kb / 16P
40V, 300mA, Low-Quiescent Current Adjustable Output Linear Regulator AEC-Q100 Qualified
EV2019-5-N-00A MPS-EV2019-5-N-00A Datasheet
475Kb / 6P
40V, 300mA, Low Quiescent Current Linear Regulator Evaluation Board
EV2019-33-N-00A MPS-EV2019-33-N-00A Datasheet
412Kb / 6P
40V, 300mA, Low Quiescent Current Linear Regulator Evaluation Board
EV2019-N-00A MPS-EV2019-N-00A Datasheet
214Kb / 6P
40V, 300mA, Low Quiescent Current Linear Regulator Evaluation Board
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com