Electronic Components Datasheet Search
  English  ▼

X  

MP3428GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3428GL
Description  17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3428GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3428GL Datasheet HTML 1Page - Monolithic Power Systems MP3428GL Datasheet HTML 2Page - Monolithic Power Systems MP3428GL Datasheet HTML 3Page - Monolithic Power Systems MP3428GL Datasheet HTML 4Page - Monolithic Power Systems MP3428GL Datasheet HTML 5Page - Monolithic Power Systems MP3428GL Datasheet HTML 6Page - Monolithic Power Systems MP3428GL Datasheet HTML 7Page - Monolithic Power Systems MP3428GL Datasheet HTML 8Page - Monolithic Power Systems MP3428GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP3428 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MP3428 Rev. 1.0
www.MonolithicPower.com
4
12/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 3.3V, TJ = -40C to 125C, typical value is tested at 25C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
3
20
V
Input UVLO
INUVLO-R
VIN Rising
2.6
2.68
2.76
V
Input UVLO Hysteresis
INUVLO-HYS
250
mV
Operating VDD Voltage
VDD
VIN=12V
5
V
Shutdown Current
ISD
VEN = 0V, Measured on
IN pin, TJ=25C
1
μA
Quiescent Current
IQ
VFB = 1.35V, Measured
on IN pin
600
750
μA
TJ=25C
510
600
690
Switching Frequency
FS
TJ=-40C to 125C
450
690
kHz
Minimum Off Time
TMIN-OFF
VFB = 0V
220
ns
Minimum On Time
(7)
TMIN-ON
120
ns
EN Turn-On Threshold
VEN-ON
VEN Rising (switching)
1.27
1.33
1.39
V
EN High Threshold
VEN-H
VEN Rising (micro power)
1.0
V
EN Low Threshold
VEN-L
VEN
Falling
(micro
power)
0.4
V
EN Turn-On Hysteresis Current
IEN-HYS
1.0V < EN < 1.4V
3
4.5
6
μA
EN Input Bias Current
IEN
VEN = 0V, 3.3V
0
μA
Soft-Start Charge Current
ISS
5
7
9
μA
TJ=25C
1.212
1.225
1.238
FB Reference Voltage
VFB
TJ=-40C to 125C
1.207
1.225
1.243
V
FB Input Bias Current
IFB
VFB=1V
–50
nA
SDR Rise Time
(7)
TSDR_Rise
CLoad=2.7nF, Test from
10% to 90%
20
ns
SDR Fall Time
(7)
TSDR_Fall
CLoad=2.7nF, Test from
90% to 10%
30
ns
Error Amp Voltage Gain
(6)
AV_EA
300
V/V
Error Amp Transconductance
GEA
160
μA/V
Error Amp Max Output Current
VFB=1V or 1.5V
22
μA
Current to COMP Gain
Gcs
VMODE=GND
27
A/V
Sense to COMP Gain
Gxcs
MODE
pin
float,
ΔVSENSE/ΔVCOMP
103
mV/V
Comp Threshold for Switching
(7)
VPSM
0.5
V
Comp High Clamp
1.8
V
SW On Resistance
RON
10
mΩ
SW Current Limit
ILIMT
VMODE=GND,
Duty
Cycle
=
40%,
TJ=25
oC
17
22
A
External Sense Average-Current
Limit
VCL
MODE pin float
45
54
63
mV
External
Sense-Current
Limit
Protection Time
TCL
MODE pin float
1.1
ms
Thermal Shutdown
(7)
TSD
150
C
Thermal Shutdown Hysteresis
(7)
TSD-HYS
25
C
Notes:
6) Guaranteed by Design.
7) Guaranteed by engineering sample Characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com