Electronic Components Datasheet Search
  English  ▼

X  

MP3428GL Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3428GL
Description  17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3428GL Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3428GL Datasheet HTML 1Page - Monolithic Power Systems MP3428GL Datasheet HTML 2Page - Monolithic Power Systems MP3428GL Datasheet HTML 3Page - Monolithic Power Systems MP3428GL Datasheet HTML 4Page - Monolithic Power Systems MP3428GL Datasheet HTML 5Page - Monolithic Power Systems MP3428GL Datasheet HTML 6Page - Monolithic Power Systems MP3428GL Datasheet HTML 7Page - Monolithic Power Systems MP3428GL Datasheet HTML 8Page - Monolithic Power Systems MP3428GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP3428 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MP3428 Rev. 1.0
www.MonolithicPower.com
5
12/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = VEN = 3.3V, VOUT = 12V, L = 2.2µH, TA = 25°C, unless otherwise noted.
VIN(V)
Shutdown Current vs.
Input Voltage
VEN=LOW
Vin UVLO Threshold vs.
Temperature
Vref vs. Temperature
SS Charge Current vs.
Temperature
VSS=0V
EN Threshold vs.
Temperature
Current Limit vs.
Duty Cycle
VMODE=GND
Current Limit vs.
Temperature
VMODE=GND,Duty=75%
Switch Frequency vs.
Temperature
VIN(V)
Quiescent Current vs.
Input Voltage
300
400
500
600
700
800
900
0
4
8
12
16
20
0
1
2
3
4
5
0
4
8
12
16
20
1.5
1.8
2.1
2.4
2.7
3.0
-40 -20 0 20 40 60 80 100120140
Rising Threshold
Falling Threshold
0
0.4
0.8
1.2
1.6
2.0
-40 -20 0 20 40 60 80 100120140
Turn-on threshold
Low Threshold
1.0
1.1
1.2
1.3
1.4
-40 -20 0 20 40 60 80 100120140
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
-40 -20 0 20 40 60 80 100120140
550
575
600
625
650
-40 -20 0 20 40 60 80 100120140
5
10
15
20
25
20
30
40
50
60
70
80
90
5
10
15
20
25
-40 -20 0 20 40 60 80 100120140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com