Electronic Components Datasheet Search
  English  ▼

X  

MP3428GL Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3428GL
Description  17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3428GL Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3428GL Datasheet HTML 4Page - Monolithic Power Systems MP3428GL Datasheet HTML 5Page - Monolithic Power Systems MP3428GL Datasheet HTML 6Page - Monolithic Power Systems MP3428GL Datasheet HTML 7Page - Monolithic Power Systems MP3428GL Datasheet HTML 8Page - Monolithic Power Systems MP3428GL Datasheet HTML 9Page - Monolithic Power Systems MP3428GL Datasheet HTML 10Page - Monolithic Power Systems MP3428GL Datasheet HTML 11Page - Monolithic Power Systems MP3428GL Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MP3428 – 17A, 600KHZ, 20V WIDE INPUT RANGE ,SYNCHRONOUS BOOST CONVERTER IN ASMALL 3X4MM QFN PACKAGE
MP3428 Rev. 1.0
www.MonolithicPower.com
8
12/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3V, VOUT = 12V, L = 2.2µH, IOUT=2A, COUT=22µF*3, VMODE=float, RSENSE=4mΩ TA = 25°C, unless
otherwise noted.
VOUT
AC Coupled
200mV/div.
VIN
2V/div.
VSW
10V/div.
IL
5A/div.
VOUT
AC Coupled
200mV/div.
VIN
2V/div.
VSW
10V/div.
IL
5A/div.
VOUT
5V/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
5V/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
5V/div.
VEN
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
5V/div.
VIN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
5V/div.
VIN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
5V/div.
VIN
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
5V/div.
VIN
5V/div.
VSW
10V/div.
IL
5A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com