Electronic Components Datasheet Search
  English  ▼

X  

MP3428GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3428GL
Description  17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3428GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3428GL Datasheet HTML 1Page - Monolithic Power Systems MP3428GL Datasheet HTML 2Page - Monolithic Power Systems MP3428GL Datasheet HTML 3Page - Monolithic Power Systems MP3428GL Datasheet HTML 4Page - Monolithic Power Systems MP3428GL Datasheet HTML 5Page - Monolithic Power Systems MP3428GL Datasheet HTML 6Page - Monolithic Power Systems MP3428GL Datasheet HTML 7Page - Monolithic Power Systems MP3428GL Datasheet HTML 8Page - Monolithic Power Systems MP3428GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP3428
17A, 600kHz, 20V Wide Input Range,
Synchronous Boost Converter
in a small 3x4mm QFN Package
MP3428 Rev. 1.0
www.MonolithicPower.com
1
12/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3428 is a 600kHz fixed-frequency, high-
efficiency, wide input range, current-mode
boost converter with optional internal or
external current-sensing configuration for high-
integration and high-power applications. With a
current limit above 17A, the MP3428 supports a
wide range of applications including POS,
Thunderbolt, Bluetooth Audio, Power Banks,
and Fuel Cells. The MP3428 features a 10mΩ,
24V power switch and a synchronous gate
driver
for
high
efficiency.
An
external
compensation pin gives the user flexibility in
setting loop dynamics and obtaining optimal
transient performance at all conditions.
The MP3428 includes under-voltage lockout
(UVLO), switching-current limiting and thermal
shutdown (TSD) to prevent damage in the
event of an output overload.
The MP3428 is available in a low-profile 22-pin
3mmx4mm QFN package.
FEATURES
 3V-to-20V Wide Input Range
 Integrated 10mΩ Low-Side Power FET
 SDR Driver for Synchronous Solution
 >17A Switch-Current Limit
 Up to 97.5% Efficiency
 Optional Internal/External Current-
Sensing Configuration
 External Soft-Start and Compensation for
Higher Flexibility
 Programmable UVLO and Hysteresis
 < 1µA Shutdown Current
 Thermal Shutdown at 150℃
 Available in a 3x4mm QFN-22 Package
APPLICATIONS
 Thunderbolt Interface
 Notebooks and Tablets
 Bluetooth Audio
 Power Banks
 Fuel Cells
 POS Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10
VIN=4.2V
VIN=6V
VIN=8.4V
VIN=3V


Similar Part No. - MP3428GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3428GL MPS-MP3428GL Datasheet
456Kb / 6P
17A, 600kHz, 20V Wide Input Synchronous Boost Converter EV Board
More results

Similar Description - MP3428GL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170 TI-TPS61170_08 Datasheet
952Kb / 27P
1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
logo
Monolithic Power System...
NB638 MPS-NB638 Datasheet
765Kb / 19P
High Efficiency, Fast Transient, 7A, 28V Synchronous Step-down Converter in a Tiny 3x4mm QFN Package
MP9184 MPS-MP9184 Datasheet
913Kb / 20P
17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
MP9184A MPS-MP9184A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP3421 MPS-MP3421 Datasheet
473Kb / 16P
5.5A, 600kHz High-Efficiency, Synchronous Step-Up Converter with True Output Disconnect in a 2mmx2mm QFN Package
MP3427 MPS-MP3427 Datasheet
905Kb / 20P
17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
MP3428A MPS-MP3428A Datasheet
1Mb / 26P
19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
EV3427-L-00A MPS-EV3427-L-00A Datasheet
523Kb / 8P
17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter EV Board
EV3428-L-00A MPS-EV3428-L-00A Datasheet
456Kb / 6P
17A, 600kHz, 20V Wide Input Synchronous Boost Converter EV Board
EV9184A-L-00A MPS-EV9184A-L-00A Datasheet
1Mb / 8P
19A, 600kHz 20V Wide Input Synchronous Boost Converter EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com