Electronic Components Datasheet Search
  English  ▼

X  

MP3429 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3429
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3429 Datasheet HTML 1Page - Monolithic Power Systems MP3429 Datasheet HTML 2Page - Monolithic Power Systems MP3429 Datasheet HTML 3Page - Monolithic Power Systems MP3429 Datasheet HTML 4Page - Monolithic Power Systems MP3429 Datasheet HTML 5Page - Monolithic Power Systems MP3429 Datasheet HTML 6Page - Monolithic Power Systems MP3429 Datasheet HTML 7Page - Monolithic Power Systems MP3429 Datasheet HTML 8Page - Monolithic Power Systems MP3429 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
3
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
SW ................................ -0.3V (-3.5V for <10ns)
to +18V (22V for <10ns)
VIN, EN, MODE, VOUT ............... -0.3V to +18V
BST .................................... -0.3V to VSW + 4.5V
All other pins............................... -0.3V to +4.5V
Continuous power dissipation (TA = +25°C)
(2)
................................................................ 4W
(5)
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
Recommended Operating Conditions
(3)
Start-up input voltage (VST) ............. 2.7V to 13V
Operation input voltage (VIN).......... 0.8V to 13V
Startup input voltage with VDD bias (VST2) .........
....................................................... 0.9V to 13V
Maximum external VDD bias voltage ..... 3.6V
(4)
Boost output voltage (VOUT) ............VIN to 16V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
ΘJA
ΘJC
QFN-13 (3mmx4mm)
EV3429-L-00A
(5) .................. 31........ 4 .... °C/W
JESD51-7
(6) ......................... 48....... 11 ... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) When the external VDD bias voltage is lower than the normal
VDD regulated voltage, the external power prevents current
from flowing out of VDD.
5) Measured on EV3429-L-00A, 4-layer 63mmx63mm PCB.
6) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com