Electronic Components Datasheet Search
  English  ▼

X  

MP3429 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3429
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3429 Datasheet HTML 1Page - Monolithic Power Systems MP3429 Datasheet HTML 2Page - Monolithic Power Systems MP3429 Datasheet HTML 3Page - Monolithic Power Systems MP3429 Datasheet HTML 4Page - Monolithic Power Systems MP3429 Datasheet HTML 5Page - Monolithic Power Systems MP3429 Datasheet HTML 6Page - Monolithic Power Systems MP3429 Datasheet HTML 7Page - Monolithic Power Systems MP3429 Datasheet HTML 8Page - Monolithic Power Systems MP3429 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
4
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 3.3V, TJ = -40°C to 125°C (7), typical values are tested at TJ = 25°C, unless
otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Start-up input voltage
VST
No VDD bias
2.7
13
V
VDD = 3V
0.9
13
V
Operating input voltage
VIN
0.8
13
V
Operating VDD voltage (8)
VDD
VIN = 2.7V, 0 - 10mA
2.3
2.55
V
VIN = 12V, 0 - 15mA
3.4
V
VDD UVLO rising (8)
VDDUVLO-R
VDD rising
2.2
2.4
2.6
V
VDD UVLO falling
VDDUVLO-F
VDD falling
2
2.2
2.4
V
Shutdown current
ISD
VEN = 0V, measured on VIN
2
μA
Quiescent current
IQ
VFB = 1.1V, VIN = 3V,
VOUT = 9V, no switching,
measured on VIN
25
μA
VFB = 1.1V, VIN = 3V,
VOUT = 9V, no switching,
measured on VOUT
450
550
μA
Enable (EN) Control
EN turn-on threshold voltage
VEN-ON
VEN rising (switching)
1.23
V
EN high threshold voltage
VEN-H
VEN rising (micro power)
1.0
V
EN low threshold voltage
VEN-L
VEN falling (micro power)
0.4
V
EN turn-on hysteresis current
IEN-HYS
1.0V < EN < VEN-ON
3.5
5
6.5
μA
EN input current
IEN
VEN = 0V, 1.5V
0
μA
EN turn-on delay
EN on to switching
180
μs
Frequency
Switching frequency
FSW
VIN = 3.3V, VOUT = 9V
500
600
700
kHz
LS-FET minimum on time (9)
TMIN-ON
80
ns
LS-FET maximum on time
TMAX-ON
7.5
μs
Loop Control
FB reference voltage
VREF
TJ = 25°C
0.99
1
1.01
V
TJ = -40°C to 125°C
0.985
1
1.015
V
FB input current
IFB
VFB = 1.1V
50
nA
Error amp voltage gain (10)
AV-EA
300
V/V
Error amp transconductance
GEA
450
μA/V
Error amp max. output current
VFB = 0.8V, VCOMP = 1V
63
μA
VFB = 1.2V, VCOMP = 1V
-60
μA
COMP to current gain
Gcs
22
A/V
COMP PSM threshold (9)
VPSM
VMODE = 0V
0.5
V
COMP high clamp
VFB = 0.8V
2.6
V
Soft-start charge current
ISS
6
7.5
9
μA
MODE Selection
PSM MODE tri-state region
VMODE-TRI
0.2
0.7
V
USM MODE tri-state region (11)
0.9
1.2
FCCM MODE tri-state region
1.6
VDD
Ultrasonic mode frequency
FUSM
23
33
kHz
HS-FET ZCD
PSM, VFB = 1V, L = 1.5
μH,
VOUT = 9V
-200
0
300
mA
HS-FET ZCD (9) (12)
VFB = 1.1V, USM and
FCCM
-2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com