Electronic Components Datasheet Search
  English  ▼

X  

MP3429 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3429
Description  16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3429 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3429 Datasheet HTML 4Page - Monolithic Power Systems MP3429 Datasheet HTML 5Page - Monolithic Power Systems MP3429 Datasheet HTML 6Page - Monolithic Power Systems MP3429 Datasheet HTML 7Page - Monolithic Power Systems MP3429 Datasheet HTML 8Page - Monolithic Power Systems MP3429 Datasheet HTML 9Page - Monolithic Power Systems MP3429 Datasheet HTML 10Page - Monolithic Power Systems MP3429 Datasheet HTML 11Page - Monolithic Power Systems MP3429 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MP3429
– 21A, HIGH-EFFICIENCY, FULLY INTEGRATED, SYNC, BOOST CONVERTER
MP3429 Rev. 1.0
www.MonolithicPower.com
8
6/8/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3V, VOUT = 9V, L = 1.5
μH, IOUT = 3.5A, USM, TA = 25°C, unless otherwise noted.
50
55
60
65
70
75
80
85
90
95
100
1
10
100
1000
Load Current(mA)
Efficiency vs. Load Current
PSM
Vin=3V
Vin=3.3V
Vin=3.6V
Vin=4.2V
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Load Current(mA)
Efficiency vs. Load Current
USM
Vin=3V
Vin=3.3V
Vin=3.6V
Vin=4.2V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
10
100
1000
Load Current(mA)
Load Regulation
PSM
Vin=3V
Vin=3.3V
Vin=3.6V
Vin=4.2V
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
1
10
100
1000
10000
Load Current(mA)
Load Regulation
USM
Vin=3V
Vin=3.3V
Vin=3.6V
Vin=4.2V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
2
3
4
5
6
7
8
9
Input voltage(V)
Line Regulation
PSM
Iout=0A
Iout=1.75A
Iout=3.5A
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
2
3
4
5
6
7
8
9
Input Voltage(V)
Line Regulation
USM
Iout=0A
Iout=1.75A
Iout=3.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com